Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADN2891EB Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADN2891EB
Description  3.3 V, 3.2 Gbps, Limiting Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADN2891EB Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADN2891EB Datasheet HTML 1Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 2Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 3Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 4Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 5Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 6Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 7Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 8Page - Analog Devices EVAL-ADN2891EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3.3 V, 3.2 Gbps,
Limiting Amplifier
ADN2891
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
GENERAL DESCRIPTION
Input sensitivity: 4 mV p-p
The ADN2891 is a 3.2 Gbps limiting amplifier with integrated
loss-of-signal (LOS) detection circuitry and a received signal
strength indicator (RSSI). This part is optimized for SONET,
Gigabit Ethernet (GbE), and Fibre Channel optoelectronic
conversion applications. The ADN2891 has a differential input
sensitivity of 4 mV p-p and accepts up to a 2.0 V p-p differential
input overload voltage. The ADN2891 supports current mode
logic (CML) outputs with controlled rise and fall times.
80 ps rise/fall times
CML outputs: 700 mV p-p differential
Programmable LOS detector: 3.5 mV to 35 mV
Rx signal strength indicator (RSSI)
SFF-8472-compliant average power measurement
Single-supply operation: 3.3 V
Low power dissipation: 145 mW
Available in space-saving 3 mm × 3 mm, 16-lead LFCSP
By monitoring the bias current through a photodiode, the on-
chip RSSI detector measures the average power received with
2% typical linearity over the entire valid input range of the
photodiode. The on-chip RSSI detector facilitates SFF-8472-
compliant optical transceivers by eliminating the need for
external RSSI detector circuitry.
Extended temperature range: −40°C to +95°C
SFP reference design available
APPLICATIONS
SFP/SFF/GBIC optical transceivers
OC-3/OC-12/OC-48, GbE, Fibre Channel (FC) receivers
Additional features include a programmable loss-of-signal
(LOS) detector and output squelch.
10GBASE-LX4 transceivers
WDM transponders
The ADN2891 is available in a 3 mm × 3 mm, 16-lead LFCSP.
FUNCTIONAL BLOCK DIAGRAM
ADN2880
VREF
DRVCC
50
Ω
50
Ω
50
Ω
50
Ω
3k
Ω
PIN
NIN
PD_VCC
PD_CATHODE
ADN2891
RSSI/LOS
DETECTOR
0.01
μF
CAZ1
CAZ2
SQUELCH
AVCC
AVEE
DRVCC
DRVEE
THRADJ
OUTP
LOS
10k
Ω
+V
ADuC7020
RSSI_OUT
OUTN
Figure 1.


Similar Part No. - EVAL-ADN2891EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADN2891EB AD-EVAL-ADN2891EB Datasheet
602Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
7/05-Rev. 0 to Rev. A
EVAL-ADN2891EBZ AD-EVAL-ADN2891EBZ Datasheet
596Kb / 16P
Limiting Amplifier
3/2017-Rev. A to Rev. B
More results

Similar Description - EVAL-ADN2891EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
7/05-Rev. 0 to Rev. A
logo
Texas Instruments
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
logo
Analog Devices
ADN2880 AD-ADN2880 Datasheet
355Kb / 12P
3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
7/05-Revision 0
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
logo
Analog Devices
ADN2880 AD-ADN2880_15 Datasheet
356Kb / 12P
3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
3.3 V, 4.25 Gbps, Limiting Amplifier
3/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com