Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5606 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5606
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5606 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5606 Datasheet HTML 1Page - Renesas Technology Corp 2SC5606 Datasheet HTML 2Page - Renesas Technology Corp 2SC5606 Datasheet HTML 3Page - Renesas Technology Corp 2SC5606 Datasheet HTML 4Page - Renesas Technology Corp 2SC5606 Datasheet HTML 5Page - Renesas Technology Corp 2SC5606 Datasheet HTML 6Page - Renesas Technology Corp 2SC5606 Datasheet HTML 7Page - Renesas Technology Corp 2SC5606 Datasheet HTML 8Page - Renesas Technology Corp 2SC5606 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet PU10781EJ01V0DS
2
2SC5606
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
–
–
200
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
–
–
200
nA
DC Current Gain
hFE
Note 1
VCE = 2 V, IC = 5 mA
60
80
100
–
RF Characteristics
Gain Bandwidth Product
fT
VCE = 2 V, IC = 20 mA, f = 2 GHz
–
21
–
GHz
Insertion Power Gain
⏐S21e⏐2 VCE = 2 V, IC = 20 mA, f = 2 GHz
10
12.5
–
dB
Noise Figure
NF
VCE = 2 V, IC = 5 mA, f = 2 GHz,
ZS = Zopt
–
1.2
1.5
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 2 V, IE = 0 mA, f = 1 MHz
–
0.21
0.3
pF
Maximum Available Power Gain
MAG
Note 3
VCE = 2 V, IC = 20 mA, f = 2 GHz
–
14
–
dB
Maximum Stable Power Gain
MSG
Note 4
VCE = 2 V, IC = 20 mA, f = 2 GHz
–
15
–
dB
Notes 1. Pulse measurement: PW
≤ 350
μs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
3. MAG =
4. MSG =
hFE CLASSIFICATION
Rank
FB/YFB
Marking
UA
hFE
60 to 100
(K –
√ (K2 – 1) )
S21
S12
S21
S12
<R>



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com