Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5606 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5606
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5606 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC5606 Datasheet HTML 1Page - Renesas Technology Corp 2SC5606 Datasheet HTML 2Page - Renesas Technology Corp 2SC5606 Datasheet HTML 3Page - Renesas Technology Corp 2SC5606 Datasheet HTML 4Page - Renesas Technology Corp 2SC5606 Datasheet HTML 5Page - Renesas Technology Corp 2SC5606 Datasheet HTML 6Page - Renesas Technology Corp 2SC5606 Datasheet HTML 7Page - Renesas Technology Corp 2SC5606 Datasheet HTML 8Page - Renesas Technology Corp 2SC5606 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet PU10781EJ01V0DS
5
2SC5606
NOISE FIGURE vs.
COLLECTOR CURRENT
Collector Current IC (mA)
3.0
2.5
2.0
1.5
1.0
0.5
0
1
10
100
VCE = 2 V
f = 2 GHz
Remark The graph indicates nominal characteristics.
S-PARAMETERS
S-parameters and noise parameters are provided on our Web site in a format (S2P) that enables the direct import
of the parameters to microwave circuit simulators without the need for keyboard inputs.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.necel.com/microwave/en/
<R>



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com