Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5606 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5606
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5606 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5606 Datasheet HTML 1Page - Renesas Technology Corp 2SC5606 Datasheet HTML 2Page - Renesas Technology Corp 2SC5606 Datasheet HTML 3Page - Renesas Technology Corp 2SC5606 Datasheet HTML 4Page - Renesas Technology Corp 2SC5606 Datasheet HTML 5Page - Renesas Technology Corp 2SC5606 Datasheet HTML 6Page - Renesas Technology Corp 2SC5606 Datasheet HTML 7Page - Renesas Technology Corp 2SC5606 Datasheet HTML 8Page - Renesas Technology Corp 2SC5606 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
NPN SILICON RF TRANSISTOR
2SC5606
NPN SILICON RF TRANSISTOR FOR
LOW NOISE · HIGH-GAIN AMPLIFICATION
3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
Document No. PU10781EJ01V0DS (1st edition)
(Previous No. P14658EJ3V0DS00)
Date Published August 2009 NS
Printed in Japan
1999, 2009
FEATURES
• Suitable for high-frequency oscillation
• fT = 25 GHz technology adopted
• 3-pin ultra super minimold (19, 1608 PKG) package
ORDERING INFORMATION
Part Number
Order Number
Package
Quantity
Supplying Form
2SC5606
2SC5606-A
50 pcs (Non reel)
• 8 mm wide embossed taping
2SC5606-T1
2SC5606-T1-A
3-pin ultra super minimold
(19, 1608 PKG) (Pb-Free)
3 kpcs/reel
• Pin 3 (collector) face the perforation side of
the tape
Remark To order evaluation samples, please contact your nearby sales office.
The unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
3.3
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
35
mA
Total Power Dissipation
Ptot
Note
115
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy substrate
<R>



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com