Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN85C256API85E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HN85C256API85E
Description  256k EEPROM (32-kword 횞 8-bit)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN85C256API85E Datasheet(HTML) 5 Page - Renesas Technology Corp

  HN85C256API85E Datasheet HTML 1Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 2Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 3Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 4Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 5Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 6Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 7Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 8Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
HN58C256AI Series
R10DS0218EJ0100 Rev.1.00
Page 5 of 16
Oct 07, 2013
DC Characteristics
(Ta = –40 to +85°C, VCC = 5.0 V
±10%)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
ILI
—
—
2
μA
VCC = 5.5 V, Vin = 5.5 V
Output leakage current
ILO
—
—
2
μA
VCC = 5.5 V, Vout = 5.5/0.4 V
Standby VCC current
ICC1
—
—
20
μA
CE = V
CC
ICC2
—
—
1
mA
CE = V
IH
Operating VCC current
ICC3
—
—
12
mA
Iout = 0 mA, Duty = 100%,
Cycle = 1
μs, VCC = 5.5 V
—
—
30
mA
Iout = 0 mA, Duty = 100%,
Cycle = 85 ns, VCC = 5.5 V
Output low voltage
VOL
—
—
0.4
V
IOL = 2.1 mA
Output high voltage
VOH
VCC
× 0.8
—
—
V
IOH = –400
μA
Capacitance
(Ta = +25°C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input capacitance*
1
Cin
—
—
6
pF
Vin = 0 V
Output capacitance*
1
Cout
—
—
12
pF
Vout = 0 V
Note:
1. This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com