Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN85C256API85E Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HN85C256API85E
Description  256k EEPROM (32-kword 횞 8-bit)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN85C256API85E Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HN85C256API85E Datasheet HTML 10Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 11Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 12Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 13Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 14Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 15Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 16Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 17Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
HN58C256AI Series
R10DS0218EJ0100 Rev.1.00
Page 16 of 16
Oct 07, 2013
HN58C256ATI Series (PTSA0028ZB-A / Previous Code: TFP-28DBV)
0.45
0.10
0.55
13.10
13.70
0.22
0.14
A1
8.20
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.20
0.60
0.50
0.40
0.15
8.00
0.20
0.13
0.05
0.30
0.20
0.22
0.17
0.12
13.40
5°
0°
0.10
0.80
11.80
L1
Z
HD
y
x
θ
c
bp
A2
E
D
b1
c1
e
L
A
NOTE)
1. DIMENSION"
*1"AND"*2(Nom)"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
F
*1
D
1
14
28
15
Index mark
A
H
D
1
p
Terminal cross section
b
b
1
Detail F
L
L
q
P-TSOP(1)28-8x11.8-0.55
0.23g
MASS[Typ.]
TFP-28DB/TFP-28DBV
PTSA0028ZB-A
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com