Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN85C256API85E Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HN85C256API85E
Description  256k EEPROM (32-kword 횞 8-bit)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN85C256API85E Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HN85C256API85E Datasheet HTML 6Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 7Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 8Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 9Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 10Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 11Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 12Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 13Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
HN58C256AI Series
R10DS0218EJ0100 Rev.1.00
Page 10 of 16
Oct 07, 2013
Data Polling Timing Waveform
t
CE
t
OEH
t
WC
t
DW
t
OES
Address
CE
WE
OE
I/O7
t
OE
Din X
An
An
Dout
X
Dout X
*9
*9
An
Toggle bit
This device provide another function to determine the internal programming cycle. If the EEPROM is set to read mode
during the internal programming cycle, I/O6 will charge from "1" to "0" (toggling) for each read. When the internal
programming cycle is finished, toggling of I/O6 will stop and the device can be accessible for next read or program.
Toggle bit Waveform
Notes: 1. I/O6 beginning state is "1".
2. I/O6 ending state will vary.
3. See AC read characteristics.
4. Any address location can be used, but the address must be fixed.
WE
t
OES
OE
CE
Dout
I/O6
Dout
Dout
Dout
Next mode
t
OE
t
CE
t
DW
t
WC
t
OEH
*1
*2
*2
Address
*3
*3
*4
Din



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com