Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # EE-1010-R
Description  Accurately detects objects placed in front of shiny Background.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  EE-1010-R Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
CSM_EE-SPY31_41_DS_E_3_1
Light Convergent Reflective Photomicrosensor
EE-SPY31/41
Accurately detects objects placed in
front of shiny Background.
• A shiny background can be used as long as the distance between
the sensor and the background is 20 mm or more.
• Detects minute objects such as a 0.05-mm-dia. pure copper wire.
• Small dispersion in sensing distance.
• Light modulation effectively reduces external light interference.
• Wide operating voltage range: 5 to 24 VDC
Be sure to read Safety Precautions on
page 4.
Ordering Information
Sensors
Accessories (Order Separately)
* Refer to Accessories for details.
Appearance
Sensing method
Sensing distance
Output type
Output
configuration
Model
Convergent
reflective type
NPN output
Dark-ON
EE-SPY311
Light-ON
EE-SPY411
Dark-ON
EE-SPY312
Light-ON
EE-SPY412
Type
Cable length
Model
Connector
EE-1001
EE-1009
Connector with Cable
1 m
EE-1006
EE-1010
2 m
EE-1006
EE-1010
Connector with Robot
Cable
1 m
EE-1010-R
2 m
EE-1010-R
NPN/PNP Conversion Connector
0.46 m (total length)
EE-2002
Infrared light
Horizontal
type
2 to 5 mm
Vertical
type


Similar Part No. - EE-1010-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-1010-R OMRON-EE-1010-R Datasheet
430Kb / 7P
Reflective Photomicrosensor with Sensitivity Adjuster
EE-1010-R 1M OMRON-EE-1010-R 1M Datasheet
1Mb / 12P
Slot-type Photomicrosensor (Non-modulated)
04/14
EE-1010-R 2M OMRON-EE-1010-R 2M Datasheet
1Mb / 12P
Slot-type Photomicrosensor (Non-modulated)
04/14
EE-1010-R-1M OMRON-EE-1010-R-1M Datasheet
282Kb / 5P
A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
EE-1010-R-2M OMRON-EE-1010-R-2M Datasheet
282Kb / 5P
A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
More results

Similar Description - EE-1010-R

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
ET-IL7021 ESTEK-ET-IL7021 Datasheet
175Kb / 2P
Function of this IC is accurately resetting the system
logo
Omron Electronics LLC
D5B5013 OMRON-D5B5013 Datasheet
436Kb / 5P
Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
logo
List of Unclassifed Man...
14228 ETC2-14228 Datasheet
86Kb / 2P
Protects Front of Outlet Connector
logo
Taoglas antenna solutio...
FXR.06.A.DG TAOGLAS-FXR.06.A.DG Datasheet
2Mb / 10P
Can be placed directly on metal surfaces
FXR.07.A.DG TAOGLAS-FXR.07.A.DG Datasheet
6Mb / 10P
Can be placed directly on metal surfaces
logo
Littelfuse
T2200 LITTELFUSE-T2200 Datasheet
217Kb / 2P
The T2200 detects the highest
logo
Pixart Imaging Inc.
PAJ7025R2 PIXART-PAJ7025R2 Datasheet
819Kb / 12P
Multiple Objects Tracking Sensor Module
logo
Contrinex AG Industrial...
LHR-C12PA-NMK-301 CONTRINEX-LHR-C12PA-NMK-301 Datasheet
247Kb / 6P
BACKGROUND SUPPRESSION
LHR-C12PA-NSK-301 CONTRINEX-LHR-C12PA-NSK-301 Datasheet
256Kb / 6P
BACKGROUND SUPPRESSION
logo
Ultralife Corporation.
MRC-KT0002 ULTRALIFE-MRC-KT0002 Datasheet
285Kb / 1P
Charge module automatically detects open or shorted cells
Rev: B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com