Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # EE-1010-R
Description  Accurately detects objects placed in front of shiny Background.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  EE-1010-R Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
EE-SPY31/41
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Make sure that this product is used within the rated ambient
environment conditions.
● Wiring
• Connection is made using a connector. Do not solder to the pins
(leads).
• When extending the cable, use an extension cable with conductors
having a total cross-section area of 0.3 mm2. The total cable length
must be 2 m maximum.
• To use a cable length longer than 2 m, attach a capacitor with a
capacitance of approximately 10
µF to the wires as shown below.
The distance between the terminal and the capacitor must be within
2 m. (Use a capacitor with a dielectric strength that is at least twice
the Sensor's power supply voltage.)
• Make sure the total length of the power cable connected to the
product is less than 10 m even if a capacitor is inserted.
(Unit: mm)
Dimensions
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Sensors
WARNING
Precautions for Correct Use
2 m max.
A capacitor of
10
µF min.
5 to 24 DCV
0 V
Extension cable
OUT
Accessories (Order Separately)
*Refer to Accessories for details.
Terminal Arrangement
(1)
+
Vcc
(2)
OUT
OUTPUT
(3)
−
GND (0 V)
EE-SPY311
EE-SPY411
26
19
20
20
19
7.6
18.7
0.2
14
8
16.8
22.8
13.7
3.2
6.2
5 2.5
0.3 0.7
3.2
Four, R1
Four, R1.6
Sensing face
(back) (10 x 5)
Indicator window
(red)
Four,
R2.1
(1)
(2)(3)
EE-SPY312
EE-SPY412
Terminal Arrangement
(1)
+
Vcc
(2)
OUT
OUTPUT
(3)
−
GND (0 V)
26
20
20
19
7.6
8
14
8
16.8
22.8
13.7
3.2
6.2
5 2.5
0.3 0.7
3.2
Four, R1
Four, R1.6
Sensing face
(10
× 5)
Indicator window
(red)
Four,
R2.1
0.2
19
(1)
(2)(3)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com