Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # EE-1010-R
Description  Accurately detects objects placed in front of shiny Background.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  EE-1010-R Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EE-SPY31/41
3
Engineering Data (Typical)
Operating Range Characteristics
EE-SPY311/411
EE-SPY311/411
EE-SPY312/412
EE-SPY312/412
Sensing Distance vs. Object Area
Characteristics
Sensing Angle vs. Sensing Distance
Characteristics
Receiver Output vs. Sensing Distance
Characteristics
EE-SPY
@@@
EE-SPY312/412
EE-SPY
@@@
7
6
5
4
3
2
1
−5 −4
−3 −2 −10
1
2
3
4
5
0
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
Operates
Distance X (mm)
Releases
X
Y
7
6
5
4
3
2
1
0
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
Releases
Operates
X
Y
−5 −4
−3 −2 −10
1
2
3
4
5
Distance X (mm)
7
6
5
4
3
2
1
0
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
Releases
Operates
X
Y
−5 −4
−3 −2 −10
1
2
3
4
5
Distance X (mm)
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
Releases
Operates
X
Y
Distance X (mm)
7
6
5
4
3
2
1
0
−5
−4
−3
−2
−10
1
2
3
4
5
500
300
200
100
80
50
30
10
10
1
2
3
5
20
50
100
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
Size (mm)
−60
−40
−20
0
20
40
60
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
−θ
+θ
120
100
80
60
40
20
0
Angle
θ (°)
0
d
Sensing object:
White paper (15
× 15 mm2)
(reflection factor: 90%)
Operating level
40
35
30
25
20
15
10
5
0
50
45
Sensing distance d (mm)
246
8
10
12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com