Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82050-PDW28I-R-01 Datasheet(PDF) 5 Page - InnovASIC, Inc

Part # IA82050-PDW28I-R-01
Description  Asynchronous Serial Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82050-PDW28I-R-01 Datasheet(HTML) 5 Page - InnovASIC, Inc

  IA82050-PDW28I-R-01 Datasheet HTML 1Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 2Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 3Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 4Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 5Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 6Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 7Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 8Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 9Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
IA82050
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211030617-08
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 5 of 22
1-888-824-4184
®
1.
Features
•
Form, Fit and Function Compatible with the Intel 82050
•
Packaging options available: 28-Pin Plastic DIP and 28-Lead Plastic Leaded Chip
Carrier (see Figure 1, Package Pinout)
•
Asynchronous Serial Channel Operation
•
Separate Transmit and Receive FIFOs with Programmable Threshold
•
Programmable Baud Rate Generator up to 288K Baud
•
Special Protocol Features
– Loopback Modes
– 5- to 8-Bit Character Format
The IA82050 is a "plug-and-play" drop-in replacement for the original IC. Innovasic produces
replacement ICs using its MILES
TM, or Managed IC Lifetime Extension System, cloning
technology. This technology produces replacement ICs far more complex than "emulation"
while ensuring they are compatible with the original IC. MILES
TM captures the design of a
clone so it can be produced even as silicon technology advances. MILES
TM also verifies the
clone against the original IC so that even the "undocumented features" are duplicated. This data
sheet documents all necessary engineering information about the IA82050 including functional
and I/O descriptions, electrical characteristics and applicable timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com