Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82050-PDW28I-R-01 Datasheet(PDF) 13 Page - InnovASIC, Inc

Part # IA82050-PDW28I-R-01
Description  Asynchronous Serial Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82050-PDW28I-R-01 Datasheet(HTML) 13 Page - InnovASIC, Inc

Back Button IA82050-PDW28I-R-01 Datasheet HTML 9Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 10Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 11Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 12Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 13Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 14Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 15Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 16Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 17Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
IA82050
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211030617-08
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 13 of 22
1-888-824-4184
®
Table 6. Modem Control Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
LC
OUT2
OUT1
RTS
DTR
LC
Loopback Control (0=normal operation, 1=loopback mode)
OUT2
Output 2 State (1=OUT2N low, 0=OUT2N high)
OUT1
Output 1 State (1=OUT1N low, 0=OUT1N high)
RTS
Ready To Send State (1=RTSN low, 0=RTSN high)
DTR
Data Terminal Ready State (1=DTRN low, 0=DTRN high)
4.7
Modem Status Register (MSR)
Reports status of modem input pins DCDN, RIN, DSRN and CTSN. All but CTSN must be
enabled via the PMD register. The “delta” bits are cleared on a read. (ADDR 110, Mode R/W;R,
Default 00000000).
Table 7. Modem Status Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DCDC
RIC
DSRC
CTSC
DDCD
DRI
DDSR
DCTS
DCDC
DCDN Complement (1=DCDN low, 0=DCDN high)
RIC
RIN Complement (1=RIN low, 0=RIN high)
DSRC
DSRN Complement (1=DSRN low, 0=DSRN high)
CTSC
CTSN Complement (1=CTSN low, 0=CTSN high)
DDCD
Delta DCDN (1=DCDN changed since last read, 0=no change)
DRI
Delta RIN (1=RIN transitioned low since last read, 0=no change or transition high)
DDSR
Delta DSRN (1=DSRN changed since last read, 0=no change)
DCTS
Delta CTSN (1=CTSN changed since last read, 0=no change)
4.8
Receive Data Register (RXDATA)
(ADDR 000, Mode R, Default Unknown)
Receive Data - A read from this location removes the data receive byte from the RX FIFO. The
LSB of RXDATA will correspond to the first bit received after the start bit of the serial
character. The MSB will correspond to the eighth data bit received after the start bit. If the
character length (LCR_CL) is less than eight, the unused RXDATA bits will be zero.
A read from RXDATA will be directly from the RX FIFO.
4.9
Scratch Register (SCR)
(ADDR 111, Mode R/W, Default 00000000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com