Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82050-PDW28I-R-01 Datasheet(PDF) 9 Page - InnovASIC, Inc

Part # IA82050-PDW28I-R-01
Description  Asynchronous Serial Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82050-PDW28I-R-01 Datasheet(HTML) 9 Page - InnovASIC, Inc

Back Button IA82050-PDW28I-R-01 Datasheet HTML 5Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 6Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 7Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 8Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 9Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 10Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 11Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 12Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 13Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IA82050
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211030617-08
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 9 of 22
1-888-824-4184
®
3.
Functional Overview
3.1
Transmitter
The Transmit function consists of a one-character FIFO, and a Transmit Engine. The transmit
engine is responsible for reading the data out of the FIFO and placing it in the proper order on
the TXD pin. The transmit engine is highly configurable to be compatible with numerous
formats, including 16450 and 8250 modes of communication. Transmit Communication
parameters that can be programmed include:
•
Parity modes
•
Stop Bits
•
Character Length
For more details, see Chapter 5, Register Descriptions.
3.2
Receiver
The Receiver function consists of a one-character FIFO and a receive engine. The receive
engine is responsible for sampling the data on the RXD input pin, formatting the data, and
placing the data in the FIFO. The receive engine is highly configurable with parameters that
include:
•
Parity modes
•
Stop Bits
•
Character Length
For more details, see Chapter 5, Register Descriptions.
3.3
Bus Interface
The Bus Interface is a simple interface that allows a micro-processor or micro-controller to read
and write the IA82050 Registers. It consists of the following I/O lines:
•
A0, A1, A2 : 3-Bit Address
•
D0-D7 :
8-Bit Data
•
RDn:
Active Low Read Enable
•
WRn:
Active Low Write Enable
•
CSn:
Active Low Chip Select
•
INT:
Interrupt Output
•
RESET:
Chip Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com