Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L052C6 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM8L052C6
Description  Value Line, 8-bit ultralow power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052C6 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM8L052C6 Datasheet HTML 56Page - STMicroelectronics STM8L052C6 Datasheet HTML 57Page - STMicroelectronics STM8L052C6 Datasheet HTML 58Page - STMicroelectronics STM8L052C6 Datasheet HTML 59Page - STMicroelectronics STM8L052C6 Datasheet HTML 60Page - STMicroelectronics STM8L052C6 Datasheet HTML 61Page - STMicroelectronics STM8L052C6 Datasheet HTML 62Page - STMicroelectronics STM8L052C6 Datasheet HTML 63Page - STMicroelectronics STM8L052C6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
Electrical parameters
STM8L052C6
60/102
Doc ID 023331 Rev 1
In the following table, data is based on characterization results, unless otherwise specified.
Table 18.
Total current consumption in Wait mode
Symbol Parameter
Conditions(1)
1.
All peripherals OFF, VDD from 1.8 V to 3.6 V, HSI internal RC osc. , fCPU = fSYSCLK
Typ
Max
Unit
55°C
85
°C(2)
2.
For temperature range 6.
IDD(Wait)
Supply
current in
Wait mode
CPU not
clocked,
all peripherals
OFF,
code executed
from RAM
with Flash in
IDDQ mode
(3),
VDD from
1.8 V to 3.6 V
3.
Flash is configured in IDDQ mode in Wait mode by setting the EPM or WAITM bit in the Flash_CR1 register.
HSI
fCPU = 125 kHz
0.33
0.39
0.41
mA
fCPU = 1 MHz
0.35
0.41
0.44
fCPU = 4 MHz
0.42
0.51
0.52
fCPU = 8 MHz
0.52
0.57
0.58
fCPU = 16 MHz
0.68
0.76
0.79
HSE external
clock
(fCPU=fHSE)
(4)
fCPU = 125 kHz 0.032 0.056 0.068
fCPU = 1 MHz
0.078 0.121 0.144
fCPU = 4 MHz
0.218
0.26
0.30
fCPU = 8 MHz
0.40
0.52
0.57
fCPU = 16 MHz 0.760 1.01
1.05
LSI
fCPU = fLSI
0.035 0.044 0.046
LSE(5)
external clock
(32.768
kHz)
fCPU = fLSE
0.032 0.036 0.038
IDD(Wait)
Supply
current in
Wait
mode
CPU not
clocked,
all peripherals
OFF,
code executed
from Flash,
VDD from
1.8 V to 3.6 V
HSI
fCPU = 125 kHz
0.38
0.48
0.49
mA
fCPU = 1 MHz
0.41
0.49
0.51
fCPU = 4 MHz
0.50
0.57
0.58
fCPU = 8 MHz
0.60
0.66
0.68
fCPU = 16 MHz
0.79
0.84
0.86
HSE(4)
external clock
(fCPU=HSE)
fCPU = 125 kHz
0.06
0.08
0.09
fCPU = 1 MHz
0.10
0.17
0.18
fCPU = 4 MHz
0.24
0.36
0.39
fCPU = 8 MHz
0.50
0.58
0.61
fCPU = 16 MHz
1.00
1.08
1.14
LSI
fCPU = fLSI
0.055 0.058 0.065
LSE(5)
external clock
(32.768 kHz)
fCPU = fLSE
0.051 0.056 0.060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com