Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L052C6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM8L052C6
Description  Value Line, 8-bit ultralow power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052C6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8L052C6 Datasheet HTML 23Page - STMicroelectronics STM8L052C6 Datasheet HTML 24Page - STMicroelectronics STM8L052C6 Datasheet HTML 25Page - STMicroelectronics STM8L052C6 Datasheet HTML 26Page - STMicroelectronics STM8L052C6 Datasheet HTML 27Page - STMicroelectronics STM8L052C6 Datasheet HTML 28Page - STMicroelectronics STM8L052C6 Datasheet HTML 29Page - STMicroelectronics STM8L052C6 Datasheet HTML 30Page - STMicroelectronics STM8L052C6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
STM8L052C6
Pin description
Doc ID 023331 Rev 1
27/102
Note:
The slope control of all GPIO pins, except true open drain pins, can be programmed. By
default, the slope control is limited to 2 MHz.
48
PE7/LCD_SEG27
I/O TT(2)
XX
X
HS
X
X Port E7 LCD segment 27
32
PF0/ADC1_IN24
I/O
X
X
X
HS
X
X Port F0
ADC1_IN24
13
VLCD
S
LCD booster external capacitor
13
Reserved
Reserved. Must be tied to VDD
10
VDD
S
Digital power supply
11
VDDA
S
Analog supply voltage
12
VREF+
S
ADC1 positive voltage reference
9VSS1/VSSA/VREF-
S
I/O ground / Analog ground voltage /
ADC1 negative voltage reference
39
VDD2
S
IOs supply voltage
40
VSS2
S
IOs ground voltage
1
PA0(6)/[USART1_CK](8)/
SWIM/BEEP/IR_TIM (7)
I/O
X
X(6)
X
HS
(7)
XX Port A0
[USART1 synchronous
clock](8) / SWIM input and
output /Beep output
/ Infrared Timer output
1.
At power-up, the PA1/NRST pin is a reset input pin with pull-up. To be used as a general purpose pin (PA1), it can be
configured only as output open-drain or push-pull, not as a general purpose input. Refer to Section Configuring NRST/PA1
pin as general purpose output in the STM8L15x and STM8L16x reference manual (RM0031).
2.
In the 3.6 V tolerant I/Os, protection diode to VDD is not implemented.
3.
In the 5 V tolerant I/Os, protection diode to VDD is not implemented.
4.
A pull-up is applied to PB0 and PB4 during the reset phase. These two pins are input floating after reset release.
5.
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, weak pull-up and protection diode to VDD are
not implemented).
6.
The PA0 pin is in input pull-up during the reset phase and after reset release.
7.
High Sink LED driver capability available on PA0.
8.
[ ] Alternate function remapping option (if the same alternate function is shown twice, it indicates an exclusive choice not
aduplication of the function).
Table 4.
Medium density value line STM8L05xxx pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com