Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L052C6 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM8L052C6
Description  Value Line, 8-bit ultralow power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052C6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM8L052C6 Datasheet HTML 20Page - STMicroelectronics STM8L052C6 Datasheet HTML 21Page - STMicroelectronics STM8L052C6 Datasheet HTML 22Page - STMicroelectronics STM8L052C6 Datasheet HTML 23Page - STMicroelectronics STM8L052C6 Datasheet HTML 24Page - STMicroelectronics STM8L052C6 Datasheet HTML 25Page - STMicroelectronics STM8L052C6 Datasheet HTML 26Page - STMicroelectronics STM8L052C6 Datasheet HTML 27Page - STMicroelectronics STM8L052C6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
Pin description
STM8L052C6
24/102
Doc ID 023331 Rev 1
Table 3.
Legend/abbreviation for Table 4
Type
I= input, O = output, S = power supply
Level
FT
Five-volt tolerant
TT
3.6 V tolerant
Output
HS = high sink/source (20 mA)
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = true open drain, OD = open drain, PP = push pull
Reset state
Bold X (pin state after reset release).
Unless otherwise specified, the pin state is the same during the reset phase (i.e.
“under reset”) and after internal reset release (i.e. at reset state).
Table 4.
Medium density value line STM8L05xxx pin description
Pin
number
Pin name
Input
Output
Default alternate function
2
NRST/PA1(1)
I/O
X
HS
X Reset
PA1
3
PA2/OSC_IN/
[USART1_TX](8)/
[SPI1_MISO] (8)
I/O
X
X
X
HS
X
X Port A2
HSE oscillator input /
[USART1 transmit] / [SPI1
master in- slave out]
4
PA3/OSC_OUT/[USART1_
RX](8)/[SPI1_MOSI](8)
I/O
X
X
X
HS
X
X Port A3
HSE oscillator output /
[USART1 receive]/ [SPI1
master out/slave in]/
5
PA4/TIM2_BKIN/
LCD_COM0/ADC1_IN2
I/O TT(2)
XX
X
HS
X
X Port A4
Timer 2 - break input /
LCD COM 0 / ADC1 input 2
6
PA5/TIM3_BKIN/
LCD_COM1/ADC1_IN1
I/O TT(2)
XX
X
HS
X
X Port A5
Timer 3 - break input /
LCD_COM 1 / ADC1 input
1
7
PA6/[ADC1_TRIG]/
LCD_COM2/ADC1_IN0
I/O TT(2)
XX
X
HS
X
X Port A6
[ADC1 - trigger] /
LCD_COM2 /
ADC1 input 0
8
PA7/LCD_SEG0(3)
I/O
FT
X
X
X
HS
X
X Port A7 LCD segment 0
24
PB0(4)/TIM2_CH1/
LCD_SEG10/ADC1_IN18
I/O TT(2) X(4) X(4)
XHS
X
X Port B0
Timer 2 - channel 1 / LCD
segment 10 / ADC1_IN18
25
PB1/TIM3_CH1/
LCD_SEG11/
ADC1_IN17
I/O TT(2)
XX
X
HS
X
X Port B1
Timer 3 - channel 1 / LCD
segment 11 / ADC1_IN17
26
PB2/ TIM2_CH2/
LCD_SEG12/
ADC1_IN16
I/O TT(2)
XX
X
HS
X
X Port B2
Timer 2 - channel 2 / LCD
segment 12 / ADC1_IN16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com