Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Partnumber Datasheet(PDF) 3 Page - Tyco Electronics

Part # Partnumber
Description  HF3 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

Partnumber Datasheet(HTML) 3 Page - Tyco Electronics

  Partnumber Datasheet HTML 1Page - Tyco Electronics Partnumber Datasheet HTML 2Page - Tyco Electronics Partnumber Datasheet HTML 3Page - Tyco Electronics Partnumber Datasheet HTML 4Page - Tyco Electronics Partnumber Datasheet HTML 5Page - Tyco Electronics Partnumber Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
06-2013, Rev. 0613
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
AXICOM
RF Signal Relays
HF3 Relay (Continued)
NO
NC
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0
500
1000
1500
2000
2500
3000
Frequency [Mhz]
Typical RF performance, 50Ω version (continued)
Typical RF performance, 75Ω version (continued)
NO
NC
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0
500
1000
1500
2000
2500
Frequency [Mhz]
NO
NC
1.00
1.05
1.10
1.15
1.20
1.25
0
500
1000
1500
2000
2500
3000
Frequency[Mhz]
NO
NC
1.00
1.05
1.10
1.15
1.20
1.25
0
500
1000
1500
2000
2500
Frequency[Mhz]
Terminal assignment
TOP view on component side of PCB
Monostable
Bistable, 1 coil
Contacts are shown in reset condition.
Contact position might change during
transportation and must be reset before
use.
Bistable, 2 coils
1
12
2 3 4 5 6 7 8 9 10 11
13
14
15
16
17
18
19
20
21
22
HF3-PIN-2SPULEN
+
-
+
- reset
set
+
-
+
-
reset
set
NO
NC
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
Frequency [Mhz]
Typical RF performance, 50Ω version
Typical RF performance, 75Ω version
NC
NO
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency [Mhz]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com