Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Partnumber Datasheet(PDF) 5 Page - Tyco Electronics

Part # Partnumber
Description  HF3 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

Partnumber Datasheet(HTML) 5 Page - Tyco Electronics

  Partnumber Datasheet HTML 1Page - Tyco Electronics Partnumber Datasheet HTML 2Page - Tyco Electronics Partnumber Datasheet HTML 3Page - Tyco Electronics Partnumber Datasheet HTML 4Page - Tyco Electronics Partnumber Datasheet HTML 5Page - Tyco Electronics Partnumber Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
06-2013, Rev. 0613
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
AXICOM
RF Signal Relays
HF3 Relay (Continued)
Processing
full line: typical
dotted line: process limits
external preheating
240°C
180°C
130°C
100°C
forced cooling
20 to 40s
Time [s]
Vapour phase soldering
temperature/time profile
(lead and housing peak temp.)
Recommended soldering conditions
Vapour phase soldering
Time [s]
Recommended reflow soldering profile
Infrared soldering
temperature/time profile
(lead and housing peak temp.)
Time [s]
Resistance to soldering heat
Infrared soldering
temperature/time profile
(lead and housing peak temp.)
Packing
Tape and reel for SMT
Reel dimensions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com