Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Partnumber Datasheet(PDF) 6 Page - Tyco Electronics

Part # Partnumber
Description  HF3 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

Partnumber Datasheet(HTML) 6 Page - Tyco Electronics

  Partnumber Datasheet HTML 1Page - Tyco Electronics Partnumber Datasheet HTML 2Page - Tyco Electronics Partnumber Datasheet HTML 3Page - Tyco Electronics Partnumber Datasheet HTML 4Page - Tyco Electronics Partnumber Datasheet HTML 5Page - Tyco Electronics Partnumber Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
06-2013, Rev. 0613
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
6
AXICOM
RF Signal Relays
HF3 Relay (Continued)
Product code structure
Typical product code
HF3
53
Type
HF3
Signal Relays HF3 Series
1 form C, 1 CO
Coil
Coil code: please refer to coil versions table
Performance type
5x
50Ω version, monostable 1coil
0x
75Ω version, monostable 1coil
7x
50Ω version, bistable 1coil
2x
75Ω version, bistable 1coil
9x
50Ω version, bistable 2coils
4x
75Ω version, bistable 2coils
Product code
Arrangement
Version
Coil
Coil type
Part number
HF3 51
1 form C (1 CO)
50ohm
3VDC
Monostable
1462051-1
HF3 52
4.5VDC
1-1462051-6
HF3 53
5VDC
1462051-2
HF3 54
6VDC
1-1462051-7
HF3 55
9VDC
1462051-3
HF3 56
12VDC
1462051-4
HF3 57
24VDC
1462051-5
HF3 71
1 form C (1 CO)
50ohm
3VDC
Bistable 1 coil
1462051-6
HF3 72
4.5VDC
1-1462051-8
HF3 73
5VDC
1462051-7
HF3 76
12VDC
1462051-9
HF3 91
1 form C (1 CO)
50ohm
3VDC
Bistable 2 coils
1-1462051-1
HF3 92
4.5VDC
2-1462051-0
HF3 93
5VDC
1-1462051-2
HF3 95
9VDC
1-1462051-3
HF3 96
12VDC
1-1462051-4
HF3 97
24VDC
1-1462051-5
HF3 01
1 form C (1 CO)
75ohm
3VDC
Monostable
1462050-1
HF3 02
4.5VDC
1-1462050-6
HF3 03
5VDC
1462050-2
HF3 06
12VDC
1462050-4
HF3 07
24VDC
1462050-5
HF3 21
1 form C (1 CO)
75ohm
3VDC
Bistable 1 coil
1462050-6
HF3 23
5VDC
1462050-7
HF3 26
12VDC
1462050-9
HF3 41
1 form C (1 CO)
75ohm
3VDC
Bistable 2 coils
1-1462050-1
HF3 43
5VDC
1-1462050-2
HF3 46
12VDC
1-1462050-4
HF3 47
24VDC
1-1462050-5
This list represents the most common types and does not show all variants covered by this data sheet.
Other types on request



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com