Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9742ARURL7 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9742ARURL7
Description  12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742ARURL7 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9742ARURL7 Datasheet HTML 24Page - Analog Devices AD9742ARURL7 Datasheet HTML 25Page - Analog Devices AD9742ARURL7 Datasheet HTML 26Page - Analog Devices AD9742ARURL7 Datasheet HTML 27Page - Analog Devices AD9742ARURL7 Datasheet HTML 28Page - Analog Devices AD9742ARURL7 Datasheet HTML 29Page - Analog Devices AD9742ARURL7 Datasheet HTML 30Page - Analog Devices AD9742ARURL7 Datasheet HTML 31Page - Analog Devices AD9742ARURL7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9742
Data Sheet
Rev. C | Page 30 of 32
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
PIN 1
INDICATOR
3.25
3.10 SQ
2.95
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.50
0.40
0.30
0.25 MIN
Figure 57. 32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
5 mm × 5 mm Body, Very Very Thin Quad
(CP-32-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9742AR
−40°C to +85°C
28-Lead Standard Small Outline Package [SOIC]
RW-28
AD9742ARZ
−40°C to +85°C
28-Lead Standard Small Outline Package [SOIC]
RW-28
AD9742ARZRL
−40°C to +85°C
28-Lead Standard Small Outline Package [SOIC]
RW-28
AD9742ARU
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
AD9742ARURL7
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
AD9742ARUZ
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
AD9742ARUZRL7
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
AD9742ACPZ
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
AD9742ACPZRL7
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
AD9742-EBZ
Evaluation Board [SOIC]
AD9742ACP-PCBZ
Evaluation Board [LFCSP]
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com