Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9742ARURL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9742ARURL7
Description  12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742ARURL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9742ARURL7 Datasheet HTML 4Page - Analog Devices AD9742ARURL7 Datasheet HTML 5Page - Analog Devices AD9742ARURL7 Datasheet HTML 6Page - Analog Devices AD9742ARURL7 Datasheet HTML 7Page - Analog Devices AD9742ARURL7 Datasheet HTML 8Page - Analog Devices AD9742ARURL7 Datasheet HTML 9Page - Analog Devices AD9742ARURL7 Datasheet HTML 10Page - Analog Devices AD9742ARURL7 Datasheet HTML 11Page - Analog Devices AD9742ARURL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9742
Data Sheet
Rev. C | Page 8 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
45
50
55
60
65
70
75
80
85
90
95
fOUT (MHz)
1
10
100
125MSPS (LFCSP)
165MSPS
210MSPS
165MSPS (LFCSP)
210MSPS (LFCSP)
125MSPS
65MSPS
Figure 5. SFDR vs. fOUT @ 0 dBFS
45
50
55
60
65
70
75
80
85
90
95
0
5
10
15
20
25
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
Figure 6. SFDR vs. fOUT @ 65 MSPS
45
50
55
60
65
70
75
80
85
90
95
0
5
10
15
20
25
30
35
40
45
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
Figure 7. SFDR vs. fOUT @ 125 MSPS
45
50
55
60
65
70
75
80
85
90
95
20
30
0
10
40
50
60
fOUT (MHz)
0dBFS (LFCSP)
0dBFS
–6dBFS (LFCSP)
–6dBFS
–12dBFS
–12dBFS (LFCSP)
Figure 8. SFDR vs. fOUT @ 165 MSPS
45
50
55
60
65
70
75
80
85
90
95
0
10
30
20
40
50
60
70
fOUT (MHz)
–12dBFS (LFCSP)
0dBFS
–6dBFS (LFCSP)
–6dBFS
0dBFS (LFCSP)
–12dBFS
Figure 9. SFDR vs. fOUT @ 210 MSPS
45
50
55
60
65
70
75
80
85
90
95
0
5
10
15
20
25
fOUT (MHz)
20mA
10mA
5mA
Figure 10. SFDR vs. fOUT and IOUTFS @ 65 MSPS and 0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com