Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9742ARURL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9742ARURL7
Description  12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742ARURL7 Datasheet(HTML) 1 Page - Analog Devices

  AD9742ARURL7 Datasheet HTML 1Page - Analog Devices AD9742ARURL7 Datasheet HTML 2Page - Analog Devices AD9742ARURL7 Datasheet HTML 3Page - Analog Devices AD9742ARURL7 Datasheet HTML 4Page - Analog Devices AD9742ARURL7 Datasheet HTML 5Page - Analog Devices AD9742ARURL7 Datasheet HTML 6Page - Analog Devices AD9742ARURL7 Datasheet HTML 7Page - Analog Devices AD9742ARURL7 Datasheet HTML 8Page - Analog Devices AD9742ARURL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
12-Bit, 210 MSPS
TxDAC Digital-to-Analog Converter
Data Sheet
AD9742
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High performance member of pin-compatible TxDAC
product family
Excellent spurious-free dynamic range performance
SNR at 5 MHz output, 125 MSPS: 70 dB
Twos complement or straight binary data format
Differential current outputs: 2 mA to 20 mA
Power dissipation: 135 mW at 3.3 V
Power-down mode: 15 mW at 3.3 V
On-chip 1.2 V Reference
CMOS compatible digital interface
28-lead SOIC, 28-lead TSSOP, and 32-lead LFCSP
Edge-triggered latches
APPLICATIONS
Wideband communication transmit channel:
Direct IF
Base stations
Wireless local loops
Digital radio links
Direct digital synthesis (DDS)
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
1.2V REF
REFLO
3.3V
RSET
0.1
µF
CLOCK
SLEEP
REFIO
FS ADJ
DVDD
DCOM
CLOCK
DIGITAL DATA INPUTS (DB11–DB0)
150pF
3.3V
AVDD
ACOM
AD9742
CURRENT
SOURCE
ARRAY
IOUTA
IOUTB
MODE
LSB
SWITCHES
SEGMENTED
SWITCHES
LATCHES
Figure 1.
GENERAL DESCRIPTION
The AD97421 is a 12-bit resolution, wideband, third generation
member of the TxDAC series of high performance, low power
CMOS digital-to-analog converters (DACs). The TxDAC family,
consisting of pin-compatible 8-, 10-, 12-, and 14-bit DACs,
is specifically optimized for the transmit signal path of
communication systems. All of the devices share the same interface
options, small outline package, and pinout, providing an upward
or downward component selection path based on performance,
resolution, and cost. The AD9742 offers exceptional ac and dc
performance while supporting update rates up to 210 MSPS.
The AD9742’s low power dissipation makes it well suited for
portable and low power applications. Its power dissipation can
be further reduced to a mere 60 mW with a slight degradation
in performance by lowering the full-scale current output. Also,
a power-down mode reduces the standby power dissipation to
approximately 15 mW. A segmented current source architecture
is combined with a proprietary switching technique to reduce
spurious components and enhance dynamic performance.
Edge-triggered input latches and a 1.2 V temperature compensated
band gap reference have been integrated to provide a complete
monolithic DAC solution. The digital inputs support 3 V CMOS
logic families.
PRODUCT HIGHLIGHTS
1. The AD9742 is the 12-bit member of the pin-compatible
TxDAC family, which offers excellent INL and DNL
performance.
2. Data input supports twos complement or straight binary
data coding.
3. High speed, single-ended CMOS clock input supports
210 MSPS conversion rate.
4. Low power: Complete CMOS DAC function operates on
135 mW from a 2.7 V to 3.6 V single supply. The DAC full-
scale current can be reduced for lower power operation,
and a sleep mode is provided for low power idle periods.
5. On-chip voltage reference: The AD9742 includes a 1.2 V
temperature compensated band gap voltage reference.
6. Industry-standard 28-lead SOIC, 28-lead TSSOP, and
32-lead LFCSP packages.
1
Protected by U.S. Patent Numbers: 5,568,145; 5,689,257; and 5,703,519.


Similar Part No. - AD9742ARURL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9742ARU AD-AD9742ARU Datasheet
783Kb / 20P
12-Bit, 165 MSPS TxDAC D/A Converter
REV.0
More results

Similar Description - AD9742ARURL7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9626 AD-AD9626 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
11/07-Revision 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9139 AD-AD9139 Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com