Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9912ABCPZ Datasheet HTML 1Page - Analog Devices AD9912ABCPZ Datasheet HTML 2Page - Analog Devices AD9912ABCPZ Datasheet HTML 3Page - Analog Devices AD9912ABCPZ Datasheet HTML 4Page - Analog Devices AD9912ABCPZ Datasheet HTML 5Page - Analog Devices AD9912ABCPZ Datasheet HTML 6Page - Analog Devices AD9912ABCPZ Datasheet HTML 7Page - Analog Devices AD9912ABCPZ Datasheet HTML 8Page - Analog Devices AD9912ABCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1 GSPS Direct Digital
Synthesizer with 14-Bit DAC
AD9912
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2010 Analog Devices, Inc. All rights reserved.
FEATURES
1 GSPS internal clock speed (up to 400 MHz output directly)
Integrated 1 GSPS 14-bit DAC
48-bit frequency tuning word with 4 μHz resolution
Differential HSTL comparator
Flexible system clock input accepts either crystal or external
reference clock
On-chip low noise PLL REFCLK multiplier
2 SpurKiller channels
Low jitter clock doubler for frequencies up to 750 MHz
Single-ended CMOS comparator; frequencies of <150 MHz
Programmable output divider for CMOS output
Serial I/O control
Excellent dynamic performance
Software controlled power-down
Available in two 64-lead LFCSP packages
Residual phase noise @ 250 MHz
10 Hz offset: −113 dBc/Hz
1 kHz offset: −133 dBc/Hz
100 kHz offset: −153 dBc/Hz
40 MHz offset: −161 dBc/Hz
APPLICATIONS
Agile LO frequency synthesis
Low jitter, fine tune clock generation
Test and measurement equipment
Wireless base stations and controllers
Secure communications
Fast frequency hopping
GENERAL DESCRIPTION
The AD9912 is a direct digital synthesizer (DDS) that features
an integrated 14-bit digital-to-analog converter (DAC). The
AD9912 features a 48-bit frequency tuning word (FTW) that
can synthesize frequencies in step sizes no larger than 4 μHz.
Absolute frequency accuracy can be achieved by adjusting the
DAC system clock.
The AD9912 also features an integrated system clock phase-
locked loop (PLL) that allows for system clock inputs as low
as 25 MHz.
The AD9912 operates over an industrial temperature range,
spanning −40°C to +85°C.
BASIC BLOCK DIAGRAM
FDBK_IN
DAC_OUT
AD9912
S1 TO S4
OUT
OUT_CMOS
FILTER
SYSTEM CLOCK
MULTIPLIER
SERIAL PORT,
I/O LOGIC
CLOCK
OUTPUT
DRIVERS
DIGITAL
INTERFACE
DIRECT
DIGITAL
SYNTHESIS
CORE
STARTUP
CONFIGURATION
LOGIC
Figure 1.


Similar Part No. - AD9912ABCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
1Mb / 38P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. G
AD9912ABCPZ-REEL7 AD-AD9912ABCPZ-REEL7 Datasheet
1Mb / 38P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. G
More results

Similar Description - AD9912ABCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9858 AD-AD9858 Datasheet
1Mb / 32P
1 GSPS Direct Digital Synthesizer
AD9910 AD-AD9910 Datasheet
488Kb / 13P
1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
AD9912 AD-AD9912 Datasheet
113Kb / 3P
1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
6/10-Rev. E to Rev. F
AD9910 AD-AD9910_07 Datasheet
1Mb / 60P
1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
5/07-Revision 0
AD9915 AD-AD9915 Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
1 GSPS Direct Digital Synthesizer
REV. C
AD9914 AD-AD9914 Datasheet
898Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914 Datasheet
852Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com