Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1296CCSW Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1296CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1296CCSW Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1296CCSW Datasheet HTML 14Page - Linear Technology LTC1296CCSW Datasheet HTML 15Page - Linear Technology LTC1296CCSW Datasheet HTML 16Page - Linear Technology LTC1296CCSW Datasheet HTML 17Page - Linear Technology LTC1296CCSW Datasheet HTML 18Page - Linear Technology LTC1296CCSW Datasheet HTML 19Page - Linear Technology LTC1296CCSW Datasheet HTML 20Page - Linear Technology LTC1296CCSW Datasheet HTML 21Page - Linear Technology LTC1296CCSW Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LTC1293/LTC1294/LTC1296
129346fs
S
APPLICATI
I FOR ATIO
LTC1294. Figure 4 shows an example of an ideal LTC1293/
4/6 ground plane design for a two sided board. Of course
this much ground plane will not always be possible, but
users should strive to get as close to this ideal as possible.
Bypassing
For good performance, VCC must be free of noise and
ripple. Any changes in the VCC voltage with respect to
ground during a conversion cycle can induce errors or
noise in the output code. VCC noise and ripple can be kept
below 0.5mV by bypassing the VCC pin directly to the
analog ground plane with a minimum of 22
µF tantalum
capacitor and with leads as short as possible. The lead
from the device to the VCC supply also should be kept to a
minimum and the VCC supply should have a low output
impedance such as obtained from a voltage regulator
(e.g., LT323A). For high frequency bypassing a 0.1
µF
ceramic disk placed in parallel with the 22
µF is recom-
mended. Again the leads should be kept to a minimum.
Figure 5 and 6 show the effects of good and poor VCC
bypassing.
HORIZONTAL: 10
µs/DIV
HORIZONTAL: 10
µs/DIV
Figure 5. Poor VCC Bypassing.
Noise and Ripple Can Cause A/D Errors.
Figure 6. Good VCC Bypassing Keeps Noise
and Ripple on VCC Below 1mV
CS
VCC
Analog Inputs
Because of the capacitive redistribution A/D conversion
techniques used, the analog inputs of the LTC1293/4/6
have capacitive switching input current spikes. These
current spikes settle quickly and do not cause a problem.
If large source resistances are used or if slow settling op
amps drive the inputs, take care to insure the transients
caused by the current spikes settle completely before the
conversion begins.
Figure 4. Ground Plane for the LTC1293/4/6
Figure 7. Analog Input Equivalent Circuit
6TH CLK
↑
RON = 500Ω
8TH CLK
↓
CIN =
100pF
LTC1293/4/6
“+”
INPUT
RSOURCE +
VIN +
C1
“–”
INPUT
RSOURCE –
VIN –
C2
LTC1293 F07
V–
22
µF
TANTALUM
VCC
LTC1293 F04
0.1
µF
CERAMIC
DISK
ANALOG
GROUND
PLANE
0.1
µF
CERAMIC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com