Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1296CCSW Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1296CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1296CCSW Datasheet(HTML) 2 Page - Linear Technology

  LTC1296CCSW Datasheet HTML 1Page - Linear Technology LTC1296CCSW Datasheet HTML 2Page - Linear Technology LTC1296CCSW Datasheet HTML 3Page - Linear Technology LTC1296CCSW Datasheet HTML 4Page - Linear Technology LTC1296CCSW Datasheet HTML 5Page - Linear Technology LTC1296CCSW Datasheet HTML 6Page - Linear Technology LTC1296CCSW Datasheet HTML 7Page - Linear Technology LTC1296CCSW Datasheet HTML 8Page - Linear Technology LTC1296CCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1293/LTC1294/LTC1296
129346fs
TJMAX = 110°C, θJA = 150°C/ W
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
DVCC
AVCC
CLK
CS
DOUT
DIN
REF
+
REF
–
AGND
V
–
ORDER PART
NUMBER
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage (VCC) to GND or V
– ......................... 12V
Negative Supply Voltage (V
–) ..................... –6V to GND
Voltage
Analog and Reference
Inputs ............................ (V
–) –0.3V to V
CC + 0.3V
Digital Inputs ......................................... –0.3V to 12V
Digital Outputs .......................... –0.3V to VCC + 0.3V
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1293/4/6BC, LTC1293/4/6CC,
LTC1293/4/6DC ....................................... 0
°C to 70°C
LTC1296BI, LTC1296CI, LTC1296DI ... –40
°C to 85°C
Storage Temperature Range .................. –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
(Notes 1 and 2)
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1293BCN
LTC1293CCN
LTC1293DCN
LTC1293BCSW
LTC1293CCSW
LTC1293DCSW
LTC1294BCSW
LTC1294CCSW
LTC1294DCSW
LTC1294BCN
LTC1294CCN
LTC1294DCN
TJMAX = 110°C, θJA = 100°C/ W (N)
SW PACKAGE, 16-LEAD PLASTIC SO WIDE
TJMAX = 110°C, θJA = 150°C/ W
LTC1296BCSW
LTC1296CCSW
LTC1296DCSW
LTC1296BISW
LTC1296CISW
LTC1296DISW
LTC1296BIN
LTC1296CIN
LTC1296DIN
LTC1296BCN
LTC1296CCN
LTC1296DCN
TJMAX = 110°C, θJA = 100°C/ W (N)
Consult factory for Industrial and Military grades.
TJMAX = 110°C, θJA = 100°C/ W (N)
LTC1294BCJ
LTC1294CCJ
LTC1294DCJ
LTC1296BCJ
LTC1296CCJ
LTC1296DCJ
TJMAX = 150°C, θJA = 80°C/ W (J)
J PACKAGE, 20-LEAD CERDIP
OBSOLETE PACKAGE
Consider the N Package for Alternate Source
TJMAX = 150°C, θJA = 80°C/ W (J)
J PACKAGE, 20-LEAD CERDIP
OBSOLETE PACKAGE
Consider the N Package for Alternate Source
TJMAX = 110°C, θJA = 150°C/ W
SW PACKAGE, 20-LEAD PLASTIC SO WIDE
SW PACKAGE, 20-LEAD PLASTIC SO WIDE
N PACKAGE, 16-LEAD PDIP
N PACKAGE, 20-LEAD PDIP
N PACKAGE, 20-LEAD PDIP
(Top Views)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CH0
CH1
CH2
CH3
CH4
CH5
COM
DGND
VCC
CLK
CS
DOUT
DIN
VREF
AGND
V
–
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CH0
CH1
CH2
CH3
CH4
CH5
COM
DGND
VCC
CLK
CS
DOUT
DIN
VREF
AGND
V
–
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
DVCC
AVCC
CLK
CS
DOUT
DIN
REF
+
REF
–
AGND
V
–
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
SSO
CLK
CS
DOUT
DIN
REF
+
REF
–
AGND
V
–
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
SSO
CLK
CS
DOUT
DIN
REF
+
REF
–
AGND
V
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com