Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1296CCSW Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1296CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1296CCSW Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1296CCSW Datasheet HTML 16Page - Linear Technology LTC1296CCSW Datasheet HTML 17Page - Linear Technology LTC1296CCSW Datasheet HTML 18Page - Linear Technology LTC1296CCSW Datasheet HTML 19Page - Linear Technology LTC1296CCSW Datasheet HTML 20Page - Linear Technology LTC1296CCSW Datasheet HTML 21Page - Linear Technology LTC1296CCSW Datasheet HTML 22Page - Linear Technology LTC1296CCSW Datasheet HTML 23Page - Linear Technology LTC1296CCSW Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LTC1293/LTC1294/LTC1296
129346fs
S
APPLICATI
I FOR ATIO
Figure 11. RC Input Filtering
RFILTER
VIN –
CFILTER
LTC1293 F11
LTC1293/4/6
"+"
"–"
IIDC
within the minimum settling windows of 2.5
µs (“+” input)
and 1
µs(“–” input) that occurs at the maximum clock rate
of 1MHz. Figures 9 and 10 show examples of adequate
and poor op amp settling.
RC Input Filtering
It is possible to filter the inputs with an RC network as
shown in Figure 11. For large values of CF (e.g., 1µF) the
capacitive input switching currents are averaged into a net
DC current. A filter should be chosen with a small resistor
and large capacitor to prevent DC drops across the resis-
tor. The magnitude of the DC current is approximately IDC
= 100pF
× VIN/tCYC and is roughly proportional to VIN.
When running at the minimum cycle time of 21.5
µs, the
input current equals 23
µA at VIN= 5V. Here a filter resistor
of 5
Ω will cause 0.1LSB of full-scale error. If a larger filter
resistor must be used, errors can be reduced by increasing
the cycle time as shown in the typical performance char-
acteristic curve Maximum Filter Resistor vs Cycle Time.
Input Leakage Current
Input leakage currents also can create errors if the source
resistance gets too large. For example, the maximum input
leakage specification of 1
µA (at 125°C) flowing through a
source resistance of 1k
Ω will cause a voltage drop of 1mV
or 0.8LSB. This error will be much reduced at lower
temperatures because leakage drops rapidly (see typical
performance characteristic curve Input Channel Leakage
Current vs Temperature).
SAMPLE AND HOLD
Single-Ended Input
The LTC1293/4/6 provides a built-in sample and hold
(S&H) function for all signals acquired in the single-ended
mode (COM pin grounded). The sample and hold allows
the LTC1293/4/6 to convert rapidly varying signals (see
typical performance characteristic curve of S&H Acquisi-
tion Time vs Source Resistance). The input voltage is
sampled during the tSMPL time as shown in Figure 8. The
sampling interval begins as the bit preceding the MSBF bit
is shifted in and continues until the falling edge of the PS
bit is received. On this falling edge the S&H goes into the
hold mode and the conversion begins.
Differential Input
With a differential input the A/D no longer converts a
single voltage but converts the difference between two
voltages. The voltage on the selected “+” input is sampled
and held and can be rapidly time varying. The voltage on
the “–” pin must remain constant and be free of noise and
ripple throughout the conversion time. Otherwise the
differencing operation will not be done accurately. The
conversion time is 12 CLK cycles. Therefore a change in
the –IN input voltage during this interval can cause con-
version errors. For a sinusoidal voltage on the –IN input
this error would be:
Where f(–) is the frequency of the “–” input voltage, VPEAK
is its peak amplitude and fCLK is the frequency of the CLK.
Vf
V
f
ERROR MAX
PEAK
CLK
()
(–)
= π
()⎛
⎝⎜
⎞
⎠⎟
2
12
HORIZONTAL: 20
µs/DIV
HORIZONTAL: 500ns/DIV
Figure 9. Adequate Settling of Op Amp Driving Analog Input
Figure 10. Poor Op Amp Settling Can Cause A/D Errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com