Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1444CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1444CS
Description  Ultralow Power Quad omparators with Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1444CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1444CS Datasheet HTML 3Page - Linear Technology LTC1444CS Datasheet HTML 4Page - Linear Technology LTC1444CS Datasheet HTML 5Page - Linear Technology LTC1444CS Datasheet HTML 6Page - Linear Technology LTC1444CS Datasheet HTML 7Page - Linear Technology LTC1444CS Datasheet HTML 8Page - Linear Technology LTC1444CS Datasheet HTML 9Page - Linear Technology LTC1444CS Datasheet HTML 10Page - Linear Technology LTC1444CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LTC1443/LTC1444/LTC1445
7
144345fe
pin FuncTions
OUT B (Pin 1): Comparator B Output. (Open-drain output
for LTC1444). Output can source up to 40mA (LTC1443,
LTC1445) and sink 5mA.
OUT A (Pin 2): Comparator A Output. (Open-drain output
for LTC1444). Output can source up to 40mA (LTC1443,
LTC1445) and sink 5mA.
V+ (Pin 3): Positive Supply.
IN A– (Pin 4): Inverting Input of Comparator A. Input
common mode range from V– to V+ – 1.3V. Input current
typically 10pA at 25°C.
IN A+ (Pin 5): Noninverting Input of Comparator A. Input
common mode range from V– to V+ – 1.3V. Input current
typically 10pA at 25°C.
IN B– (Pin 6): Inverting Input of Comparator B. Input
common mode range from V– to V+ – 1.3V. Input current
typically 10pA at 25°C.
IN B+ (Pin 7): Noninverting Input of Comparator B. Input
common mode range from V– to V+ – 1.3V. Input current
typically 10pA at 25°C.
REF (Pin 8): Reference Output. With respect to V–. Can
source up to 200µA and sink 15µA at 25°C. Drive 0.01µF
bypass capacitor without oscillation.
V– (Pin 9): Negative Supply. Connect to ground for single
supply operation on LTC1443.
IN C– (Pin10): Inverting Input of Comparator C. Input
common mode range from V– to V+ – 1.3V. Input current
typically 10pA at 25°C.
IN C+ (Pin 11): Noninverting Input of Comparator C. Input
common mode range from V– to V+ – 1.3V. Input current
typically 10pA at 25°C.
IN D– (Pin 12): Inverting Input of Comparator D. Input
common mode range from V– to V+ – 1.3V. Input current
typically 10pA at 25°C.
IN D+ (Pin 13): Noninverting Input of Comparator D. Input
common mode range from V– to V+ – 1.3V. Input current
typically 10pA at 25°C.
GND (Pin 14): LTC1443 Ground. Connect to V– for single
supply operation.
HYST (Pin 14): LTC1444/LTC1445 Hysteresis Input. Con-
nect to REF if not used. Input voltage range is from VREF
to VREF – 50mV.
OUTD(Pin15):ComparatorDOutput.(Open-drainoutput
for LTC1444). Output can source up to 40mA (LTC1443,
LTC1445) and sink 5mA.
OUT C (Pin 16): Comparator C Output. (Open-drain output
for LTC1444). Output can source up to 40mA (LTC1443,
LTC1445) and sink 5mA.
Exposed Pad (Pin 17, DFN Package): This pin is internally
connected to V–. Connection is optional, but will improve
thermal dissipation.
–
+
–
+
OUT B
OUT A
V+
IN A–
IN A+
IN B –
IN B+
REF
OUT C
OUT D
GND
IN D+
IN D–
IN C+
IN C–
V–
+
–
+
–
LTC1443
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1.2V
+ –
–
+
–
+
OUT B
OUT A
V+
IN A–
IN A+
IN B –
IN B+
REF
OUT C
OUT D
HYST
IN D+
IN D–
IN C+
IN C–
V–
+
–
+
–
LTC1444/LTC1445
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
144345 PF
1.2V
+ –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com