Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1444CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1444CS
Description  Ultralow Power Quad omparators with Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1444CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1444CS Datasheet HTML 6Page - Linear Technology LTC1444CS Datasheet HTML 7Page - Linear Technology LTC1444CS Datasheet HTML 8Page - Linear Technology LTC1444CS Datasheet HTML 9Page - Linear Technology LTC1444CS Datasheet HTML 10Page - Linear Technology LTC1444CS Datasheet HTML 11Page - Linear Technology LTC1444CS Datasheet HTML 12Page - Linear Technology LTC1444CS Datasheet HTML 13Page - Linear Technology LTC1444CS Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LTC1443/LTC1444/LTC1445
12
144345fe
4.00 ±0.10
(2 SIDES)
5.00 ±0.10
(2 SIDES)
NOTE:
1. DRAWING PROPOSED TO BE MADE VARIATION OF VERSION (WJGD-2) IN JEDEC
PACKAGE OUTLINE MO-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40 ±0.10
BOTTOM VIEW—EXPOSED PAD
2.44 ±0.10
(2 SIDES)
0.75 ±0.05
R = 0.115
TYP
R = 0.20
TYP
4.34 ±0.10
(2 SIDES)
1
8
16
9
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DHD16) DFN 0504
0.25 ±0.05
PIN 1
NOTCH
0.50 BSC
4.34 ±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
2.44 ±0.05
(2 SIDES)
3.10 ±0.05
0.50 BSC
0.70 ±0.05
4.50 ±0.05
PACKAGE
OUTLINE
0.25 ±0.05
DHD Package
16-Lead Plastic DFN (5mm
× 4mm)
(Reference LTC DWG # 05-08-1707 Rev Ø)
package DescripTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com