Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1444CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1444CS
Description  Ultralow Power Quad omparators with Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1444CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1444CS Datasheet HTML 1Page - Linear Technology LTC1444CS Datasheet HTML 2Page - Linear Technology LTC1444CS Datasheet HTML 3Page - Linear Technology LTC1444CS Datasheet HTML 4Page - Linear Technology LTC1444CS Datasheet HTML 5Page - Linear Technology LTC1444CS Datasheet HTML 6Page - Linear Technology LTC1444CS Datasheet HTML 7Page - Linear Technology LTC1444CS Datasheet HTML 8Page - Linear Technology LTC1444CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LTC1443/LTC1444/LTC1445
5
144345fe
Typical perForMance characTerisTics
Supply Current vs Supply Voltage
Supply Current vs Temperature
LTC1444/LTC1445 Reference
Voltage vs Temperature
LTC1443 Reference Voltage
vs Temperature
LTC1443 Reference Output
Voltage vs Output Load Current
LTC1444/LTC1445
Hysteresis Control
VREF – VHYST (mV)
0
–20
0
20
30
50
144345 G01
–40
–60
–80
10
20
40
40
60
80
SUPPLY VOLTAGE (V)
1.0
4.0
4.2
4.4
4.6
4.8
5.0
5.2
1.5
2.0
2.5
3.0
144345 G02
TA = 25°C
TEMPERATURE (°C)
–60
20
5.8
5.4
5.0
4.6
4.2
3.8
3.4
3.0
144345 G03
–20
60
–40
40
0
80 100 120
IN+ = (IN– + 100mV)
V– = GND (LTC1443)
V+ = 3V
V– = 0V
V+ = 5V
V– = 0V
V+ = 5V
V– = –5V
TEMPERATURE (°C)
–60
1.208
1.212
1.216
1.220
1.224
–40 –20 0
20
144345 G04
40 60 80 100 120
V+ = 5V
TEMPERATURE (°C)
–60
1.186
1.184
1.182
1.180
1.178
1.176
1.174
1.172
1.170
100
144345 G05
–20
20
60 80
–40
0
40
120 140
V+ = 5V
V– = GND
LOAD CURRENT (mA)
1.184
1.183
1.182
1.181
1.180
1.179
1.178
0.2
0.4
0.6
0.8
144345 G06
1.0
0.1
0
0.3
0.5
0.7
0.9
V+ = 5V
V– = GND
TA = 25°C
SOURCE
LTC1443 Reference Output
Voltage vs Output Load Current
Comparator Output Voltage High
vs Load Current
Comparator Output Voltage Low
vs Load Current
LOAD CURRENT (µA)
0
20
1.194
1.192
1.190
1.188
1.186
1.184
1.182
1.180
144345 G07
10
30
5
25
15
35 40 45
V+ = 5V
V– = GND
TA = 25°C
SINK
LOAD CURRENT (mA)
0
1.0
2.0
3.0
4.0
5.0
10
20
30
40
144345 G08
50
60
V+ = 5V
V+ = 3V
V+ = 2V
TA = 25°C
LOAD CURRENT (mA)
0
1.5
2.0
2.5
30
50
80
144345 G09
1.0
0.5
0
10
20
40
60
70
V+ = 2V
V+ = 3V
V+ = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com