Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7828KN Datasheet(PDF) 7 Page - Analog Devices

Part # AD7828KN
Description  LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7828KN Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7828KN Datasheet HTML 3Page - Analog Devices AD7828KN Datasheet HTML 4Page - Analog Devices AD7828KN Datasheet HTML 5Page - Analog Devices AD7828KN Datasheet HTML 6Page - Analog Devices AD7828KN Datasheet HTML 7Page - Analog Devices AD7828KN Datasheet HTML 8Page - Analog Devices AD7828KN Datasheet HTML 9Page - Analog Devices AD7828KN Datasheet HTML 10Page - Analog Devices AD7828KN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7824/AD7828
REV. F
–7–
INPUT CURRENT
Due to the novel conversion techniques employed by the AD7824/
AD7828, the analog input behaves somewhat differently than in
conventional devices. The ADC’s sampled-data comparators
take varying amounts of input current depending on which cycle
the conversion is in.
The equivalent input circuit of the AD7824/AD7828 is shown
in Figure 8. When a conversion starts (
CS and RD going low),
all input switches close, and the selected input channel is con-
nected to the most significant and least significant comparators.
Therefore, the analog input is simultaneously connected to
31 input capacitors of 1 pF each.
1pF
1pF
•
•
•
15LSB
COMPARATORS
1pF
1pF
•
•
•
16MSB
COMPARATORS
TO LS
LADDER
RON
RON
R MUX
CS
12pF
CS
2pF
RS
AIN1
TO MS
LADDER
VIN
AD7824/
AD7828
Figure 8. AD7824/AD7828 Equivalent Input Circuit
The input capacitors must charge to the input voltage through
the on resistance of the analog switches (about 3 k
Ω to 6 kΩ). In
addition, about 14 pF of input stray capacitance must be charged.
The analog input for any channel can be modelled as an RC
network, as shown in Figure 9. As RS increases, it takes longer
for the input capacitance to charge.
RON
350
R MUX
800
CS1
12pF
RS
VIN
CS2
2pF
31pF
AIN1
Figure 9. RC Network Model
The time for which the input comparators track the analog input
is approximately 1
µs at the start of conversion. Because of input
transients on the analog inputs, it is recommended that a source
impedance no greater than 100
Ω be connected to the analog
inputs. The output impedance of an op amp is equal to the open
loop output impedance divided by the loop gain at the frequency of
interest. It is important that the amplifier driving the AD7824/
AD7828 analog inputs have sufficient loop gain at the input signal
frequency as to make the output impedance low.
Suitable op amps for driving the AD7824/AD7828 are the AD544
or AD644.
INHERENT SAMPLE-HOLD
A major benefit of the AD7824’s and AD7828’s analog input
structure is its ability to measure a variety of high speed signals
without the help of an external sample-and-hold. In a conven-
tional SAR type converter, regardless of its speed, the input
must remain stable to at least 1/2 LSB throughout the conversion
process if rated accuracy is to be maintained. Consequently, for
many high speed signals, this signal must be externally sampled
and held stationary during the conversion. The AD7824/AD7828
input comparators, by nature of their input switching, inherently
accomplish this sample-and-hold function. Although the conver-
sion time for AD7824/AD7828 is 2
µs, the time for which any
selected analog input must be 1/2 LSB stable is much smaller.
The AD7824/AD7828 tracks the selected input channel for
approximately 1
µs after conversion start. The value of the analog
input at that instant (1
µs from conversion start) is the measured
value. This value is then used in the least significant flash to
generate the lower four bits of data.
SINUSOIDAL INPUTS
The AD7824/AD7828 can measure input signals with slew rates
as high as 157 mV/
µs to the rated specifications. This means that
the analog input frequency can be up to 10 kHz without the aid
of an external sample-and-hold. Furthermore, the AD7828 can
measure eight 10 kHz signals without a sample-and-hold. The
Nyquist criterion requires that the sampling rate be twice the
input frequency (i.e., 2
× 10 kHz). This requires an ideal anti-
aliasing filter with an infinite roll-off. To ease the problem of
antialiasing filter design, the sampling rate is usually much greater
than the Nyquist criterion. The maximum sampling rate (FMAX)
for the AD7824/AD7828 can be calculated as follows:
F
tt
MAX
CRD
P
=
+
1
F
EE
kHz
MAX =
+
=
1
26
0 5
6
400
–.
–
tCRD = AD7824/AD7828 Conversion Time
tP = Minimum Delay Between Conversion
This permits a maximum sampling rate of 50 kHz for each of
the eight channels when using the AD7828 and 100 kHz for
each of the four channels when using the AD7824.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com