Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7828KN Datasheet(PDF) 1 Page - Analog Devices

Part # AD7828KN
Description  LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7828KN Datasheet(HTML) 1 Page - Analog Devices

  AD7828KN Datasheet HTML 1Page - Analog Devices AD7828KN Datasheet HTML 2Page - Analog Devices AD7828KN Datasheet HTML 3Page - Analog Devices AD7828KN Datasheet HTML 4Page - Analog Devices AD7828KN Datasheet HTML 5Page - Analog Devices AD7828KN Datasheet HTML 6Page - Analog Devices AD7828KN Datasheet HTML 7Page - Analog Devices AD7828KN Datasheet HTML 8Page - Analog Devices AD7828KN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. F
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
a
LC2MOS High Speed
4- and 8-Channel 8-Bit ADCs
AD7824/AD7828
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
FUNCTIONAL BLOCK DIAGRAM
RDY
CS
RD
INT
DB3
DB2
DB1
DB0
DB7
DB6
DB5
DB4
THREE-
STATE
DRIVERS
4-BIT
FLASH
ADC
(4LSB)
VREF (+)
16
TIMING AND CONTROL
CIRCUITRY
ADDRESS
LATCH
DECODE
AIN1
AIN4
AIN8
MUX*
*AD7824 – 4-CHANNEL MUX
**AD7828 – 8-CHANNEL MUX
A2 – AD7828 ONLY
A0 A1 A2**
VREF (+)
VREF (–)
4-BIT
FLASH
ADC
(4MSB)
4-BIT
DAC
FEATURES
4 or 8 Analog Input Channels
Built-In Track-and-Hold Function
10 kHz Signal Handling on Each Channel
Fast Microprocessor Interface
Single 5 V Supply
Low Power: 50 mW
Fast Conversion Rate: 2.5
s/Channel
Tight Error Specification: 1/2 LSB
GENERAL DESCRIPTION
The AD7824 and AD7828 are high speed, multichannel, 8-bit
ADCs with a choice of four (AD7824) or eight (AD7828) multi-
plexed analog inputs. A half-flash conversion technique gives a fast
conversion rate of 2.5
µs per channel, and the parts have a built-in
track-and-hold function capable of digitizing full-scale signals of
10 kHz (157 mV/
µs slew rate) on all channels. The AD7824 and
AD7828 operate from a single 5 V supply and have an analog input
range of 0 V to 5 V, using an external 5 V reference.
Microprocessor interfacing of the parts is simple, using standard
Chip Select (
CS) and Read (RD) signals to initiate the conversion
and read the data from the three-state data outputs. The half-flash
conversion technique means that there is no need to generate a
clock signal for the ADC. The AD7824 and AD7828 can be
interfaced easily to most popular microprocessors.
The AD7824 and AD7828 are fabricated in an advanced, all
ion-implanted, linear compatible CMOS process (LC
2MOS) and
have low power dissipation of 40 mW (typ). The AD7824 is
available in a 0.3" wide, 24-lead “skinny” DIP, while the AD7828
is available in a 0.6" wide, 28-lead DIP and in 28-terminal surface-
mount packages.
PRODUCT HIGHLIGHTS
1. 4- or 8-channel input multiplexer gives cost effective,
space-saving multichannel ADC system.
2. Fast conversion rate of 2.5
µs/channel features a per-channel
sampling frequency of 100 kHz for the AD7824 or 50 kHz
for the AD7828.
3. Built-in track-and-hold function allows handling of four or
eight channels up to 10 kHz bandwidth (157 mV/
µs slew rate).
4. Tight total unadjusted error spec and channel-to-channel
matching eliminate the need for user trims.
5. Single 5 V supply simplifies system power requirements.
6. Fast, easy-to-use digital interface allows connection to most
popular microprocessors with minimal external components.
No clock signal is required for the ADC.


Similar Part No. - AD7828KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7828KN AD-AD7828KN Datasheet
270Kb / 16P
LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
1/03-Data Sheet changed from REV. E to REV. F.
AD7828KN AD-AD7828KN Datasheet
275Kb / 16P
LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KN AD-AD7828KN Datasheet
215Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results

Similar Description - AD7828KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7776 AD-AD7776 Datasheet
220Kb / 12P
LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV.0
AD7824 AD-AD7824 Datasheet
270Kb / 16P
LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
1/03-Data Sheet changed from REV. E to REV. F.
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KRZ AD-AD7824KRZ Datasheet
275Kb / 16P
LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7778 AD-AD7778_15 Datasheet
550Kb / 12P
LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
AD7824 AD-AD7824_15 Datasheet
276Kb / 16P
LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828 AD-AD7828_15 Datasheet
276Kb / 16P
LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com