Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7828KN Datasheet(PDF) 3 Page - Analog Devices

Part # AD7828KN
Description  LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7828KN Datasheet(HTML) 3 Page - Analog Devices

  AD7828KN Datasheet HTML 1Page - Analog Devices AD7828KN Datasheet HTML 2Page - Analog Devices AD7828KN Datasheet HTML 3Page - Analog Devices AD7828KN Datasheet HTML 4Page - Analog Devices AD7828KN Datasheet HTML 5Page - Analog Devices AD7828KN Datasheet HTML 6Page - Analog Devices AD7828KN Datasheet HTML 7Page - Analog Devices AD7828KN Datasheet HTML 8Page - Analog Devices AD7828KN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7824/AD7828
REV. F
–3–
TIMING CHARACTERISTICS1 (V
DD = 5 V; VREF(+) = 5 V; VREF(–) = GND = 0 V, unless otherwise noted.)
Limit at 25 C
Limit at TMIN, TMAX
Limit at TMIN, TMAX
Parameter
(All Grades)
(K, L, B, C Grades)
(T, U Grades)
Unit
Conditions/Comments
tCSS
00
0
ns min
CS to RD Setup Time
tCSH
00
0
ns min
CS to RD Hold Time
tAS
00
0
ns min
Multiplexer Address Setup Time
tAH
30
35
40
ns min
Multiplexer Address Hold Time
tRDY
2
40
60
60
ns max
CS to RDY Delay. Pull-Up
Resistor 5 k
Ω.
tCRD
2.0
2.4
2.8
µs max
Conversion Time, Mode 0
tACC1
3
85
110
120
ns max
Data Access Time after
RD
tACC2
3
50
60
70
ns max
Data Access Time after
INT, Mode 0
tlNTH
2
40
65
70
ns typ
RD to INT Delay
75
100
100
ns max
tDH
4
60
70
70
ns max
Data Hold Time
tP
500
500
600
ns min
Delay Time between Conversions
tRD
60
80
80
ns min
Read Pulsewidth, Mode 1
600
500
400
ns max
NOTES
1Sample tested at 25
°C to ensure compliance. All input control signals are specified with t
RISE = tFALL = 20 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2C
L = 50 pF.
3Measured with load circuits of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V.
4Defined as the time required for the data lines to change 0.5 V when loaded with the circuits of Figure 2.
Specifications subject to change without notice.
Test Circuits
DBN
3k
100pF
DGND
a. High-Z to VOH
DBN
3k
100pF
DGND
5V
b. High-Z to VOL
Figure 1. Load Circuits for Data Access Time Test
DBN
3k
10pF
DGND
a. VOH to High-Z
DBN
3k
10pF
DGND
5V
b. VOL to High-Z
Figure 2. Load Circuits for Data Hold Time Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com