Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2804CDHC Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2804CDHC
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2804CDHC Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2804CDHC Datasheet HTML 10Page - Linear Technology LTC2804CDHC Datasheet HTML 11Page - Linear Technology LTC2804CDHC Datasheet HTML 12Page - Linear Technology LTC2804CDHC Datasheet HTML 13Page - Linear Technology LTC2804CDHC Datasheet HTML 14Page - Linear Technology LTC2804CDHC Datasheet HTML 15Page - Linear Technology LTC2804CDHC Datasheet HTML 16Page - Linear Technology LTC2804CDHC Datasheet HTML 17Page - Linear Technology LTC2804CDHC Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC2801/LTC2802/
LTC2803/LTC2804

2801234fe
DE/UE Package
12-Lead Plastic DFN (4mm
× 3mm)
(Reference LTC DWG # 05-08-1695 Rev D)
PackaGe deScriPtion
4.00 0.10
(2 SIDES)
3.00 0.10
(2 SIDES)
NOTE:
1. DRAWING PROPOSED TO BE A VARIATION OF VERSION
(WGED) IN JEDEC PACKAGE OUTLINE M0-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
0.40 0.10
BOTTOM VIEW—EXPOSED PAD
1.70 0.10
0.75 0.05
R = 0.115
TYP
R = 0.05
TYP
2.50 REF
1
6
12
7
PIN 1 NOTCH
R = 0.20 OR
0.35 45
CHAMFER
PIN 1
TOP MARK
(NOTE 6)
0.200 REF
0.00 – 0.05
(UE12/DE12) DFN 0806 REV D
2.50 REF
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
2.20 0.05
0.70 0.05
3.60 0.05
PACKAGE OUTLINE
3.30 0.10
0.25 0.05
0.50 BSC
1.70 0.05
3.30 0.05
0.50 BSC
0.25 0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com