Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2804CDHC Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2804CDHC
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2804CDHC Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2804CDHC Datasheet HTML 10Page - Linear Technology LTC2804CDHC Datasheet HTML 11Page - Linear Technology LTC2804CDHC Datasheet HTML 12Page - Linear Technology LTC2804CDHC Datasheet HTML 13Page - Linear Technology LTC2804CDHC Datasheet HTML 14Page - Linear Technology LTC2804CDHC Datasheet HTML 15Page - Linear Technology LTC2804CDHC Datasheet HTML 16Page - Linear Technology LTC2804CDHC Datasheet HTML 17Page - Linear Technology LTC2804CDHC Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC2801/LTC2802/
LTC2803/LTC2804

2801234fe
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 l FAX: (408) 434-0507 l www.linear.com
LINEAR TECHNOLOGY CORPORATION 2005
LT 0510 REV E • PRINTED IN USA
2801 F22
LTC2804
+
–
VCC
VL
PS
MODE
10
11
13
14
15
16
4
3
2
1
5
12
T2OUT
T1OUT
R2IN
R1IN
T2IN
T1IN
R2OUT
R1OUT
CTS
RX
RTS
TX
PPX
PPY
TXD
PPZ
RXD
6
8
7
9
VDD
SW
CAP
VEE
GND
UART
*ADDITIONAL BYPASS CAPACITOR AS NEEDED
µP
VCC
1.8V TO 5.5V
1.8V TO 5.5V
DC-DC
C2
1µF
C5
220nF
C4
1µF
*
*
17
C3
1µF
C1
220nF
L1
10µH
tyPical aPPlication
Figure 22. Diagnostic Port Operating Directly Off Unregulated Battery Voltage
PART NUMBER
DESCRIPTION
COMMENTS
LT1780/LT1781
2-Driver/2-Receiver RS232 Transceiver
Single 5V Supply with 0.1μF Capacitors, 15kV ESD
LTC1337
3-Driver/5-Receiver RS232 Transceiver
Ultralow Power for DTE Applications
LTC1338
5-Driver/3-Receiver RS232 Transceiver
Ultralow Power for DCE Applications
LT1039/LT1039-16 3-Driver/3-Receiver RS232 Transceiver
30kΩ Input Impedance for Multidrop Applications
LTC1348
3-Driver/5-Receiver RS232 Transceiver
True RS232 Levels on 3.3V Supply
related PartS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com