Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2804CDHC Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2804CDHC
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2804CDHC Datasheet(HTML) 3 Page - Linear Technology

  LTC2804CDHC Datasheet HTML 1Page - Linear Technology LTC2804CDHC Datasheet HTML 2Page - Linear Technology LTC2804CDHC Datasheet HTML 3Page - Linear Technology LTC2804CDHC Datasheet HTML 4Page - Linear Technology LTC2804CDHC Datasheet HTML 5Page - Linear Technology LTC2804CDHC Datasheet HTML 6Page - Linear Technology LTC2804CDHC Datasheet HTML 7Page - Linear Technology LTC2804CDHC Datasheet HTML 8Page - Linear Technology LTC2804CDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image

2801234fe
LTC2801/LTC2802/
LTC2803/LTC2804
electrical characteriSticS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 1.8V to 5.5V, VL = 1.8V to 5.5V, Normal Mode. Typical values are
given for VCC = VL = 3.3V and TA = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supplies
ICC
VCC Supply Current
Outputs Unloaded
Normal Mode (Note 3)
Receivers Active Mode
Shutdown Mode
l
l
2.3
1
1
10
10
mA
µA
µA
IL
VL Supply Current
Outputs Unloaded
Normal Mode (LTC2801, LTC2802)
Normal Mode (LTC2803, LTC2804)
Receivers Active Mode
Shutdown Mode
l
l
l
l
0.08
0.15
15
1
0.15
0.30
30
10
mA
mA
µA
µA
Driver
VOLD
Output Voltage
RL = 3kΩ
Low
l
–5
–5.7
V
VOHD
Output Voltage
RL = 3kΩ
High
l
5
6.2
V
VHYSD
Logic Input Hysteresis
0.6
V
IOSD
Output Short Circuit Current
VL = VCC = 5.5V; VTOUT = 0V
l
±35
±70
mA
IPOLD
Power-Off Output Leakage Current
VL = VCC = VDD = VEE = 0V; VTOUT = ±2V
l
±0.1
±10
µA
IOLD
Output Leakage Current
Shutdown or Receivers Active or
Drivers Disabled Modes, –15V
≤ VTOUT ≤ 15V
l
±0.1
±10
µA
Receiver
VIR
Input Thresholds
Receivers Active Mode
l
0.8
1.5
2.4
V
VILR
Input Thresholds
Normal Mode, Input Low
l
0.8
1.3
V
VIHR
Input Thresholds
Normal Mode, Input High
l
1.7
2.5
V
VHYSR
Input Hysteresis
Normal Mode
l
0.1
0.4
1.0
V
VOLR
Output Voltage
Output Low, IROUT = 1mA (Sinking)
l
0.2
0.4
V
VOHR
Output Voltage
Output High, IROUT = –1mA (Sourcing)
l
VL –0.4 VL –0.2
V
RIN
Input Resistance
–15V
≤ VRIN ≤ 15V
l
3
5
7
k
W
IOSR
Output Short Circuit Current
VL = 5.5V; 0V ≤ VROUT ≤ VL
l
±25
±50
mA
Logic
Logic Input Voltage Threshold
l
0.4
0.67 • VL
V
IIN
Logic Input Current
l
±1
µA
Power Supply Generator
VDD
Regulated VDD Output Voltage
Driver RL = 3kW (Note 3)
LTC2801, LTC2802: VTIN = VL
LTC2803, LTC2804: VT1IN = VL, VT2IN = 0V
7
V
VEE
Regulated VEE Output Voltage
Driver RL = 3kW (Note 3)
LTC2801, LTC2802: VTIN = VL
LTC2803, LTC2804: VT1IN = VL, VT2IN = 0V
–6.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com