Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5375ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADL5375ACPZ-R7
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADL5375ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADL5375
Data Sheet
Rev. C | Page 28 of 36
–101
–109
–107
–108
–106
–105
–104
–103
–102
7
0
1
2
3
4
5
6
LO DRIVE (dBm)
ADL5375-15
ADL5375-05
Figure 71. GSM/Edge (8-PSK) 6 MHz Offset Noise at 940 MHz vs. LO Drive,
Output Power = 0 dBm
W-CDMA OPERATION
The ADL5375 is suitable for W-CDMA operation. Figure 72
and Figure 73 show the adjacent and alternate channel power
ratios for the ADL5375-05 and ADL5375-15, respectively, at an
LO frequency of 2140 MHz.
–20
–18
–59
–61
–63
–65
–67
–69
–71
–73
–75
–77
–79
–81
–83
–85
–87
–16
–14
–12
–10
–8
–6
–4
OUTPUT POWER (dBm)
ALTERNATE CPR
ADJACENT CPR
Figure 72. ADL5375-05 Single-Carrier W-CDMA Adjacent and Alternate
Channel Power vs. Output Power at 2140 MHz; LO Power = 0 dBm
–20
–18
–16
–14
–12
–10
–8
–6
–4
OUTPUT POWER (dBm)
ALTERNATE CPR
ADJACENT CPR
–87
–85
–83
–81
–79
–77
–75
–73
–71
–69
–67
–65
–63
–61
–59
Figure 73. ADL5375-15 Single-Carrier W-CDMA Adjacent and Alternate
Channel Power vs. Output Power at 2140 MHz; LO Power = 0 dBm
Figure 72 and Figure 73 show that both versions of the ADL5375
are able to deliver about or better than −73 dB ACPR at an
output power of −10 dBm.
Figure 74 illustrate the sensitivity of the EVM to variations in
LO drive at 2140 MHz for the ADL5375-05 and ADL5375-15.
–6
6.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–4
–2
0
2
4
6
LO DRIVE (dBm)
ADL5375-15
ADL5375-05
Figure 74. Single Carrier W-CDMA Composite EVM vs. LO Drive at 2140 MHz;
Output Power = −10 dBm
The EVM exhibits improvements with a local feedthrough nulling
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com