Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5375ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5375ACPZ-R7
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5375ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADL5375
Data Sheet
Rev. C | Page 4 of 36
Parameter
Conditions
ADL5375-05
ADL5375-15
Unit
Min
Typ
Max
Min
Typ
Max
LO = 1900 MHz
Output Power, POUT
VIQ = 1 V p-p differential
0.53
0.49
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−3.4
−3.4
dB
Output P1dB
9.9
10.5
dBm
Output Return Loss
−16.2
−15.5
dB
Carrier Feedthrough
−40.3
−35.5
dBm
Sideband Suppression
−50.2
−49.4
dBc
Quadrature Error
0.02
0.21
Degrees
I/Q Amplitude Balance
0.07
0.10
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−67.9
−72.1
dBc
ADL5375-05
POUT = 0.53dBm
ADL5375-15
POUT = 0.49dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−51.8
−62.8
dBc
ADL5375-05
POUT = 0.53dBm
ADL5375-15
POUT = 0.49dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
62.6
61
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
24.3
22.1
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−160.0
−158.2
dBm/Hz
LO = 2150 MHz
Output Power, POUT
VIQ = 1 V p-p differential
0.73
0.57
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−3.2
−3.4
dB
Output P1dB
10.0
10.6
dBm
Output Return Loss
−17.1
−16.1
dB
Carrier Feedthrough
−39.7
−34.2
dBm
Sideband Suppression
−47.3
−50.2
dBc
Quadrature Error
−0.16
−0.18
Degrees
I/Q Amplitude Balance
0.07
0.10
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−71.3
−81.7
dBc
ADL5375-05
POUT = 0.73 dBm
ADL5375-15
POUT = 0.57 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−52.4
−65.3
dBc
ADL5375-05
POUT = 0.73 dBm
ADL5375-15
POUT = 0.57 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
61.6
61.8
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
24.2
22.3
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−159.5
−157.9
dBm/Hz
LO = 2600 MHz
Output Power, POUT
VIQ = 1 V p-p differential
0.61
0.62
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−3.4
−3.3
dB
Output P1dB
9.6
10.6
dBm
Output Return Loss
−19.3
−18
dB
Carrier Feedthrough
−36.5
−33.3
dBm
Sideband Suppression
−48.3
−48.5
dBc
Quadrature Error
−0.37
0.19
Degrees
I/Q Amplitude Balance
0.07
0.11
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−60.9
−55.9
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com