Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5375ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5375ACPZ-R7
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5375ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5375ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
ADL5375
Rev. C | Page 5 of 36
Parameter
Conditions
ADL5375-05
ADL5375-15
Unit
Min
Typ
Max
Min
Typ
Max
ADL5375-05
POUT = 0.61 dBm
ADL5375-15
POUT = 0.62 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−51.3
−57.6
dBc
ADL5375-05
POUT = 0.61 dBm
ADL5375-15
POUT = 0.62 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
55.0
50.1
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
22.7
20.7
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−159.0
−157.6
dBm/Hz
LO = 3500 MHz
Output Power, POUT
VIQ = 1 V p-p differential
0.21
0.87
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−3.8
−3.1
dB
Output P1dB
9.6
10.2
dBm
Output Return Loss
−20.7
−19.4
dB
Carrier Feedthrough
−30.4
−28.6
dBm
Sideband Suppression
−48.3
−48.8
dBc
Quadrature Error
0.01
0.13
Degrees
I/Q Amplitude Balance
0.08
0.11
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−55.8
−63
dBc
ADL5375-05
POUT = 0.21 dBm
ADL5375-15
POUT = 0.87 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−50.2
−56.2
dBc
ADL5375-05
POUT = 0.21 dBm
ADL5375-15
POUT = 0.87 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
51.1
57.9
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
23.1
20.2
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−157.6
−156.3
dBm/Hz
LO = 5800 MHz
Output Power, POUT
VIQ = 1 V p-p differential
−1.36
0.16
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−5.3
−3.8
dB
Output P1dB
4.9
4.4
dBm
Output Return Loss
−7.4
−8.6
dB
Carrier Feedthrough
−19.5
−16.7
dBm
Sideband Suppression
−38.2
−39
dBc
Quadrature Error
−0.51
−0.50
Degrees
I/Q Amplitude Balance
−0.05
−0.70
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−52.6
−50
dBc
ADL5375-05
POUT = -1.36 dBm
ADL5375-15
POUT = 0.16 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−45.7
−48.4
dBc
ADL5375-05
POUT = -1.36 dBm
ADL5375-15
POUT = 0.16 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
39.1
38.7
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
14.6
11.2
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−153.0
−153.4
dBm/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com