Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL6010SCPZN-R2
Description  Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADL6010SCPZN-R2 Datasheet HTML 1Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 2Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 3Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 4Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 5Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 6Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 7Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ADL6010
Preliminary Technical Data
Rev. PrB | Page 4 of 10
Dynamic Range
±0.5 dB Error
CW input, TA = +25°C
30
dB
±1 dB Error
CW input, TA = +25°C
35
dB
Maximum Input Level, ±1 dB
15
dBm
Minimum Input Level, ±1 dB
-25
dBm
Conversion Gain
VOUT = (Gain × VIN) + Intercept
1
V/V rms
Output Intercept
0
V
Output Voltage, High Power In
Pin = +15 dBm
4
V
Output Voltage, Low Power In
Pin = -30 dBm
0.05
V
VOUT OUTPUT
Pin VOUT
Maximum Output Voltage
4
V
Output Offset
No signal at RFIN
TBD
mV
Available Output Current
TBD
mA
Envelope Modulation Bandwidth
50
MHz
POWER SUPPLIES
Operating Range
-55°C ≤ TA ≤ 125°C
2.7
5.0
5.5
V
Quiescent Current
3.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com