Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL6010SCPZN-R2
Description  Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL6010SCPZN-R2 Datasheet HTML 2Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 3Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 4Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 5Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 6Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 7Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 9Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ADL6010
Preliminary Technical Data
Rev. PrB | Page 10 of 10
OUTLINE DIMENSIONS
Figure 14. 6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
2 mm x 2 mm Body, Ultra Thin, Dual Lead (CP-6-7)
Dimensions shown in millimeters.
ORDERING GUIDE
Model
Temperature Range Package Description
Package Option
Ordering Quantity
ADL6010ACPZN-R2
−40°C to +85°C
6-Lead Lead Frame Chip Scale Package
CP-6-7
250
ADL6010ACPZN-R7
−40°C to +85°C
6-Lead Lead Frame Chip Scale Package
CP-6-7
1500
ADL6010SCPZN-R2
−55°C to +125°C
6-Lead Lead Frame Chip Scale Package
CP-6-7
250
ADL6010SCPZN-R7
−55°C to +125°C
6-Lead Lead Frame Chip Scale Package
CP-6-7
1500
ADL6010-EVALZ
Evaluation Board
1
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR11617-0-8/13(PrB)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com