Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL6010SCPZN-R2
Description  Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADL6010SCPZN-R2 Datasheet HTML 1Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 2Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 3Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 4Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 5Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 6Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 7Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary Technical Data
ADL6010
Rev. PrB | Page 5 of 10
ABSOLUTE MAXIMUM RATINGS
Table Summary
Table 2.
Parameter
Rating
Supply Voltage, VPOS
TBD
RFIN
TBD
Maximum Junction Temperature
TBD
Operating Temperature Range
TBD
Storage Temperature Range
TBD
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
TBD
TBD
TBD
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com