Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8244BRMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8244BRMZ-R7
Description  Single-Supply, Low Power, Precision FET Input Quad Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8244BRMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8244BRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD8244
SPECIFICATIONS
+VS = 5 V, –VS = 0 V, TA = 25°C, VIN = 0.2 V, RL = 10 kΩ to ground, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
AD8244A
AD8244B
Unit
Min
Typ
Max
Min
Typ
Max
DC PERFORMANCE
Offset Voltage
100
600
100
350
µV
Over Temperature
TA = −40°C to +85°C
1.25
0.675
mV
Average Temperature Coefficient
TA = −40°C to +85°C
10
5
µV/°C
Offset Voltage Matching
Channel to channel
800
500
µV
Input Bias Current
0.5
10
0.5
2
pA
Over Temperature
TA = 85°C
150
50
pA
Input Bias Current Matching
Channel to channel
0.05
0.05
0.2
pA
Over Temperature
TA = 85°C
2
2
pA
SYSTEM PERFORMANCE
Nominal Gain
1
1
V/V
System Error1
VOUT = 0.2 V to 3 V
0.08
0.05
%
Average Temperature Coefficient
TA = −40°C to +85°C
2
1
ppm/°C
Gain Matching
Channel to channel
0.10
0.08
%
NOISE PERFORMANCE
Voltage Noise
Spectral Density
f = 1 kHz
13
13
nV/√Hz
Peak-to-Peak
f = 0.1 Hz to 10 Hz
0.4
0.4
2
µV p-p
Current Noise
Spectral Density
f = 1 kHz
0.8
0.8
fA/√Hz
Peak-to-Peak
f = 0.1 Hz to 10 Hz
8
8
fA p-p
DYNAMIC PERFORMANCE
Small Signal Bandwidth
−3 dB
3
3
MHz
Slew Rate
0.8
0.8
V/µs
Settling Time to 0.01%
VOUT = 0.2 V to 3 V
8
8
µs
INPUT CHARACTERISTICS
Input Voltage Range2
0
4
0
4
V
Over Temperature
TA = −40°C to +85°C
0
3.5
0
3.5
V
Input Impedance3
10||4
10||4
TΩ||pF
OUTPUT CHARACTERISTICS
Output Swing
RL = 10 kΩ to ground
0.025
4.9
0.025
4.9
V
Over Temperature
TA = −40°C to +85°C
0.03
4.88
0.03
4.88
V
Output Swing
RL = no load
0.025
4.97
0.025
4.97
V
Over Temperature
TA = −40°C to +85°C
0.03
4.95
0.03
4.95
V
Short-Circuit Current
8
8
mA
Capacitive Load Drive
200
200
pF
POWER SUPPLY
Operating Range
Single supply
3
36
3
36
V
Dual supply
±1.5
±18
±1.5
±18
V
Power Supply Rejection
VIN = 2.5 V, +VS = 4.5 V to 5.5 V
80
80
dB
Supply Current per Amplifier
IOUT = 0 mA
180
250
180
250
µA
Over Temperature
TA = −40°C to +85°C
300
300
µA
TEMPERATURE RANGE
Specified Performance
−40
+85
−40
+85
°C
1
Error as a percentage of the measurement. This includes the effects of open-loop gain and common-mode rejection ratio.
2
The inputs of the AD8244 can go up to the positive supply; however, the input range is derated because error increases near the positive supply as the input
transistors start to saturate. The inputs also maintain high impedance when driven slightly below ground.
3
For more information on the input impedance, see Figure 24 and Figure 37.
Rev. 0 | Page 3 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com