Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8244BRMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8244BRMZ-R7
Description  Single-Supply, Low Power, Precision FET Input Quad Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8244BRMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8244BRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8244
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±5 V, TA = 25°C, VIN = 0 V, RL = 10 kΩ, unless otherwise noted.
–400
–200
0
200
400
600
0
10
20
30
40
OFFSET VOLTAGE (µV)
Figure 4. Typical Distribution of Offset Voltage
0
2
4
6
8
10
12
OFFSET VOLTAGE DRIFT (µV/°C)
VS = ±15V
TA = –40°C TO +85°C
–10 –9 –8 –7 –6 –5 –4 –3 –2 –1
0 1
2
3
4
5
6
7
8
9 10
Figure 5. Typical Distribution of Offset Voltage Drift
0
5
10
15
20
25
–0.60
–0.55
–0.50
–0.45
–0.40
–0.35
INPUT BIAS CURRENT (pA)
Figure 6. Typical Distribution of Input Bias Current
–800
–600
–400
–200
0
200
400
600
800
0
10
20
30
40
50
OFFSET VOLTAGE MATCHING (µV)
Figure 7. Typical Distribution of Offset Voltage Matching
–200
–300
–100
0
100
200
300
0
5
10
15
20
25
30
35
40
SYSTEM ERROR (µV/V)
VIN = ±3V
Figure 8. Typical Distribution of System Error
–20
–40
0
20
40
60
80
0
10
20
30
40
50
PSRR (µV/V)
VS = ±3V TO ±18V
Figure 9. Typical Distribution of Power Supply Rejection Ratio (PSRR)
Rev. 0 | Page 8 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com