Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8244BRMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8244BRMZ-R7
Description  Single-Supply, Low Power, Precision FET Input Quad Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8244BRMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8244BRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8244BRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Single-Supply, Low Power,
Precision FET Input Quad Buffer
Data Sheet
AD8244
FEATURES
Low power
250 µA maximum supply current per amplifier
FET input
2 pA maximum input bias current at 25°C
Extremely high input impedance
Low noise
13 nV/√Hz voltage noise at 1 kHz
0.4 µV p-p voltage noise (0.1 Hz to 10 Hz)
0.8 fA/√Hz current noise at 1 kHz
High dc precision
3 µV/°C maximum offset drift (B grade)
3 MHz bandwidth
Unique pinout
No leakage from inputs to supply pins
Provides guarding capability
Rail-to-rail output
Single-supply operation
Input range extends to ground
Wide supply range
Single-supply: 3 V to 36 V
Dual-supply: ±1.5 V to ±18 V
Available in a compact 10-lead MSOP
APPLICATIONS
Biopotential electrodes
Medical instrumentation
High impedance sensor conditioning
Filters
Photodiode amplifiers
PIN CONFIGURATION
IN A 1
OUT A 2
+VS 3
OUT B 4
IN B 5
IN D
10
OUT D
9
–VS
8
OUT C
7
IN C
6
AD8244
Figure 1.
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
1/2
AD8244
IN-AMP
TYPICAL MISMATCH
BETWEEN ANY
TWO CHANNELS
Figure 2. Gain Matching vs. Frequency
GENERAL DESCRIPTION
The AD8244 is a precision, low power, FET input, quad unity-gain
buffer that is designed to isolate very large source impedances
from the rest of the signal chain. The 2 pA maximum bias
current, near zero current noise, and 10 TΩ input impedance
introduce almost no error, even with source impedance well
into the megaohms.
Many traditional operational amplifier pinouts have a supply
pin that is next to the noninverting input. A guard trace must be
routed between these pins to avoid leakage currents much larger
than the bias current of a FET input op amp. Guard traces can
be routed between pins for large packages, such as DIP or even
SOIC; however, the board area consumed by these packages is
prohibitive for many modern applications. The AD8244 solves
this problem with a unique pinout that physically separates the
high impedance inputs from the low impedance supplies and
outputs of the other buffers. This configuration simplifies
guarding while reducing board space, allowing high performance
and high density in the same design.
The AD8244 design is focused on solving problems specific to
buffers. This includes close channel-to-channel matching which
allows channels of the AD8244 to be used in differential signal
chains with minimal error. With its low voltage noise, wide
supply range, and high precision, the AD8244 is also flexible
enough to provide high performance anywhere a unity-gain
buffer is needed, even with low source resistance.
The AD8244 is specified over the industrial temperature range
of −40°C to +85°C. It is available in a 10-lead MSOP package.
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD8244BRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8244BRMZ-R7 AD-AD8244BRMZ-R7 Datasheet
549Kb / 20P
Single-Supply, Low Power, Precision FET Input Quad Buffer
Rev. A
More results

Similar Description - AD8244BRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD822 AD-AD822 Datasheet
320Kb / 16P
Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV.A
logo
Burr-Brown (TI)
OPA130 BURR-BROWN-OPA130 Datasheet
289Kb / 7P
Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA130 TI-OPA130_07 Datasheet
698Kb / 16P
Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD824 AD-AD824_03 Datasheet
552Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD820 AD-AD820_07 Datasheet
588Kb / 24P
Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD822 AD-AD822_15 Datasheet
296Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824 AD-AD824_15 Datasheet
436Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com