Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151AUJZ-3.3-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP151AUJZ-3.3-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151AUJZ-3.3-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP151AUJZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADP151
Data Sheet
Rev. E | Page 4 of 24
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
START-UP TIME3
tSTART-UP
VOUT = 3.3 V
180
µs
CURRENT-LIMIT THRESHOLD4
ILIMIT
TJ = 0°C to +125°C
220
300
400
mA
UNDERVOLTAGE LOCKOUT
TJ = −40°C to +125°C
Input Voltage Rising
UVLORISE
1.96
V
Input Voltage Falling
UVLOFALL
1.28
V
Hysteresis
UVLOHYS
120
mV
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
EN INPUT
EN Input Logic High
VIH
2.2 V ≤ VIN ≤ 5.5 V
1.2
V
EN Input Logic Low
VIL
2.2 V ≤ VIN ≤ 5.5 V
0.4
V
EN Input Pull-Down Resistance
REN
VIN = VEN = 5.5 V
2.6
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VIN = 5 V, VOUT = 3.3 V
9
µV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 2.5 V
9
µV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 1.1 V
9
µV rms
POWER SUPPLY REJECTION RATIO
PSRR
VIN = VOUT + 0.5 V
10 kHz, VIN = 3.8 V, VOUT = 3.3 V, IOUT = 10 mA
70
dB
100 kHz, VIN = 3.8 V, VOUT = 3.3 V, IOUT = 10 mA
55
dB
VIN = VOUT + 1 V
10 kHz, VIN = 4.3 V, VOUT = 3.3 V, IOUT = 10 mA
70
dB
100 kHz, VIN = 4.3 V, VOUT = 3.3 V, IOUT = 10 mA
55
dB
10 kHz, VIN = 2.2 V, VOUT = 1.1 V, IOUT = 10 mA
70
dB
100 kHz, VIN = 2.2 V, VOUT = 1.1 V, IOUT = 10 mA
55
dB
1
Based on an end-point calculation using 0.1 mA and 200 mA loads. See Figure 8 for typical load regulation performance for loads less than 1 mA.
2
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 2.2 V.
3
Start-up time is defined as the time between the rising edge of EN and VOUT being at 90% of its nominal value.
4
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V (that is, 2.7 V).
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Minimum Input and Output
Capacitance1
CMIN
TA = −40°C to +125°C
0.7
µF
Capacitor ESR
RESR
TA = −40°C to +125°C
0.001
0.2
Ω
1
The minimum input and output capacitance should be greater than 0.7 μF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended;
Y5V and Z5U capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com