Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151AUJZ-3.3-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP151AUJZ-3.3-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151AUJZ-3.3-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP151AUJZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 9Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 10Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 11Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 12Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADP151
Rev. E | Page 9 of 24
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
200mA
100mA
10mA
1mA
100µA
Figure 19. Power Supply Rejection Ratio vs. Frequency, VOUT = 3.3 V, VIN = 3.8 V
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VOUT = 3.3V, IOUT = 200mA
VOUT = 3.3V, IOUT = 10mA
VOUT = 2.8V, IOUT = 200mA
VOUT = 2.8V, IOUT = 10mA
VOUT = 1.1V, IOUT = 200mA
VOUT = 1.1V, IOUT = 10mA
Figure 20. Power Supply Rejection Ratio vs. Frequency at Various Output Voltages
and Load Currents, VOUT − VIN = 0.5 V, except for VOUT = 1.1 V, VIN = 2.2 V
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT = 200mA, VIN = 3.3V
IOUT = 10mA, VIN =3.3V
IOUT = 200mA, VIN = 3.8V
IOUT = 10mA, VIN = 3.8V
Figure 21. Power Supply Rejection Ratio vs. Frequency at Various Voltages
and Load Currents, VOUT = 2.8 V
14
0
1
2
3
4
5
6
7
8
9
10
11
12
13
0.001
0.01
0.1
1
10
100
1k
LOAD CURRENT (mA)
3.3V
2.8V
1.2V
1.1V
Figure 22. Output Noise vs. Load Current and Output Voltage,
VIN = 5 V, COUT = 1 μF
1000
10
100
10
100k
10k
1k
100
FREQUENCY (Hz)
3.3V
2.8V
1.2V
1.1V
Figure 23. Output Noise Spectral Density vs. Frequency,
VIN = 5 V, ILOAD = 10 mA, COUT = 1 μF
CH1 200mA
CH2 50mV
M20µs
A CH1
64.0mA
T 10.00%
1
2
T
LOAD CURRENT
VOUT
Figure 24. Load Transient Response, CIN, COUT = 1 μF, ILOAD = 1 mA to 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com