Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151AUJZ-3.3-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP151AUJZ-3.3-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151AUJZ-3.3-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP151AUJZ-3.3-R7 Datasheet HTML 16Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 17Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 18Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 19Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 20Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 21Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 22Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 23Page - Analog Devices ADP151AUJZ-3.3-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADP151
Data Sheet
Rev. E | Page 22 of 24
ORDERING GUIDE
Model1
Temperature Range
Output Voltage (V)2
Package Description
Package Option3
Branding
ADP151ACBZ-1.1-R7
–40°C to +125°C
1.1
4-Ball WLCSP
CB-4-1
8R
ADP151ACBZ-1.2-R7
–40°C to +125°C
1.2
4-Ball WLCSP
CB-4-3
4R
ADP151ACBZ-1.5-R7
–40°C to +125°C
1.5
4-Ball WLCSP
CB-4-3
4S
ADP151ACBZ-1.8-R7
–40°C to +125°C
1.8
4-Ball WLCSP
CB-4-3
4T
ADP151ACBZ-2.5-R7
–40°C to +125°C
2.5
4-Ball WLCSP
CB-4-3
4U
ADP151ACBZ-2.6-R7
–40°C to +125°C
2.6
4-Ball WLCSP
CB-4-3
8Q
ADP151ACBZ-2.75-R7
–40°C to +125°C
2.75
4-Ball WLCSP
CB-4-3
4V
ADP151ACBZ-2.8-R7
–40°C to +125°C
2.8
4-Ball WLCSP
CB-4-3
4X
ADP151ACBZ-2.85-R7
–40°C to +125°C
2.85
4-Ball WLCSP
CB-4-3
4Y
ADP151ACBZ-3.0-R7
–40°C to +125°C
3.0
4-Ball WLCSP
CB-4-3
4Z
ADP151ACBZ-3.3-R7
–40°C to +125°C
3.3
4-Ball WLCSP
CB-4-3
50
ADP151ACBZ-2.1-R7
–40°C to +125°C
2.1
4-Ball WLCSP
CB-4-3
5E
ADP151AUJZ-1.2-R7
–40°C to +125°C
1.2
5-Lead TSOT
UJ-5
LF6
ADP151AUJZ-1.5-R7
–40°C to +125°C
1.5
5-Lead TSOT
UJ-5
LF7
ADP151AUJZ-1.8-R7
–40°C to +125°C
1.8
5-Lead TSOT
UJ-5
LF8
ADP151AUJZ-2.5-R7
–40°C to +125°C
2.5
5-Lead TSOT
UJ-5
LF9
ADP151AUJZ-2.8-R7
–40°C to +125°C
2.8
5-Lead TSOT
UJ-5
LFG
ADP151AUJZ-3.0-R7
–40°C to +125°C
3.0
5-Lead TSOT
UJ-5
LFH
ADP151AUJZ-3.3-R7
–40°C to +125°C
3.3
5-Lead TSOT
UJ-5
LFJ
ADP151ACPZ-1.2-R7
–40°C to +125°C
1.2
6-Lead LFCSP_UD
CP-6-3
LF6
ADP151ACPZ-1.5-R7
–40°C to +125°C
1.5
6-Lead LFCSP_UD
CP-6-3
LF7
ADP151ACPZ-1.8-R7
–40°C to +125°C
1.8
6-Lead LFCSP_UD
CP-6-3
LF8
ADP151ACPZ-2.5-R7
–40°C to +125°C
2.5
6-Lead LFCSP_UD
CP-6-3
LF9
ADP151ACPZ-2.7-R7
–40°C to +125°C
2.7
6-Lead LFCSP_UD
CP-6-3
LKZ
ADP151ACPZ-2.8-R7
–40°C to +125°C
2.8
6-Lead LFCSP_UD
CP-6-3
LFG
ADP151ACPZ-3.0-R7
–40°C to +125°C
3.0
6-Lead LFCSP_UD
CP-6-3
LFH
ADP151ACPZ-3.3-R7
–40°C to +125°C
3.3
6-Lead LFCSP_UD
CP-6-3
LFJ
ADP151UJZ-REDYKIT
Evaluation Board Kit
ADP151CPZ-REDYKIT
Evaluation Board Kit
ADP151CB-3.3-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
For additional voltage options for the ADP151ACBZ package option, contact a local Analog Devices, Inc., sales or distribution representative.
3
The ADP151ACBZ package option is halide free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com