Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8306S Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC8306S
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306S Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8306S Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
MPC8306S PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 1
46
Freescale Semiconductor
Package and Pin Listings
19.3
Pinout Listings
Following table shows the pin list of the MPC8306S.
Table 46.
MPC8306S Pinout Listing
Signal
Package Pin Number
Pin Type
Power Supply
Notes
DDR Memory Controller Interface
MEMC_MDQ[0]
W5
IO
GVDD
—
MEMC_MDQ[1]
V4
IO
GVDD
—
MEMC_MDQ[2]
Y4
IO
GVDD
—
MEMC_MDQ[3]
AB1
IO
GVDD
—
MEMC_MDQ[4]
AA1
IO
GVDD
—
MEMC_MDQ[5]
Y2
IO
GVDD
—
MEMC_MDQ[6]
Y1
IO
GVDD
—
MEMC_MDQ[7]
W2
IO
GVDD
—
MEMC_MDQ[8]
G2
IO
GVDD
—
MEMC_MDQ[9]
G1
IO
GVDD
—
MEMC_MDQ[10]
F1
IO
GVDD
—
MEMC_MDQ[11]
E2
IO
GVDD
—
MEMC_MDQ[12]
E1
IO
GVDD
—
MEMC_MDQ[13]
E4
IO
GVDD
—
MEMC_MDQ[14]
F4
IO
GVDD
—
MEMC_MDQ[15]
D1
IO
GVDD
—
MEMC_MDM[0]
AB2
O
GVDD
—
MEMC_MDM[1]
G4
O
GVDD
—
MEMC_MDQS[0]
V5
IO
GVDD
—
MEMC_MDQS[1]
F5
IO
GVDD
—
MEMC_MBA[0]
L2
O
GVDD
—
MEMC_MBA[1]
L1
O
GVDD
—
MEMC_MBA[2]
R4
O
GVDD
—
MEMC_MA[0]
M1
O
GVDD
—
MEMC_MA[1]
M4
O
GVDD
—
MEMC_MA[2]
N1
O
GVDD
—
MEMC_MA[3]
N2
O
GVDD
—
MEMC_MA[4]
P1
O
GVDD
—
MEMC_MA[5]
N4
O
GVDD
—
MEMC_MA[6]
P2
O
GVDD
—
MEMC_MA[7]
R1
O
GVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com