Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8306S Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC8306S
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306S Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC8306S Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
MPC8306S PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 1
52
Freescale Semiconductor
Package and Pin Listings
FEC3_TXD0/TSEC_TMR_PP2/GPIO[60]
R20
IO
OVDD
—
FEC3_TXD1/TSEC_TMR_PP3/GPIO[61]
T22
IO
OVDD
—
FEC3_TXD2/TSEC_TMR_ALARM1/GPIO[62]
T23
IO
OVDD
—
FEC3_TXD3/TSEC_TMR_ALARM2/GPIO[63]
T20
IO
OVDD
—
HDLC/GPIO/TDM
HDLC1_RXCLK/TDM1_RCK/GPIO[1]
U23
IO
OVDD
—
HDLC1_RXD/TDM1_RD/GPIO[3]
U22
IO
OVDD
—
HDLC1_TXCLK/GPIO[0]/TDM1_TCK/
QE_BRG[5]
AC22
IO
OVDD
—
HDLC1_TXD/GPIO[2]/TDM1_TD/
CFG_RESET_SOURCE[0]
W18
IO
OVDD
—
HDLC1_CD_B/GPIO[4]/TDM1_TFS
W19
IO
OVDD
—
HDLC1_CTS_B/GPIO[5]/TDM1_RFS
Y20
IO
OVDD
—
HDLC1_RTS_B/GPIO[6]/TDM1_STROBE_B/
CFG_RESET_SOURCE[1]
AB22
IO
OVDD
—
HDLC2_TXCLK/GPIO[16]/TDM2_TCK/
QE_BRG[7]
AB23
IO
OVDD
—
HDLC2_RXCLK/GPIO[17]/TDM2_RCK/
QE_BRG[8]
AA23
IO
OVDD
—
HDLC2_TXD/GPIO[18]/TDM2_TD/
CFG_RESET_SOURCE[2]
W20
IO
OVDD
—
HDLC2_RXD/GPIO[19]/TDM2_RD
Y23
IO
OVDD
—
HDLC2_CD_B/GPIO[20]/TDM2_TFS
Y22
IO
OVDD
—
HDLC2_CTS_B/GPIO[21]/TDM2_RFS
W23
IO
OVDD
—
HDLC2_RTS_B/GPIO[22]/TDM2_STROBE_B/
CFG_RESET_SOURCE[3]
W22
IO
OVDD
—
Power
AVDD1
L16
—
—
—
AVDD2
M16
—
—
—
AVDD3
N8
—
—
—
GVDD
G5, H5, J5, K5, L5, M5,
N5, P5, R5, T5, U5
——
—
OVDD
E7,E8,E9,E10,E11,E12,
E13,E14, E15,
E16,E17,G19,H19,J19,K
19,L19,M19,
N19,P19,R19,T19,U19,
W7,W8,W9, W10,W11,
W12,W13, W14,W15,
W16, W17
——
—
Table 46.
MPC8306S Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com