Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8306S Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8306S
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306S Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8306S Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8306S Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
MPC8306S PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 1
48
Freescale Semiconductor
Package and Pin Listings
LA[17]
B14
O
OVDD
—
LA[18]
A14
O
OVDD
—
LA[19]
A15
O
OVDD
—
LA[20]
A16
O
OVDD
—
LA[21]
B16
O
OVDD
—
LA[22]
A17
O
OVDD
—
LA[23]
B17
O
OVDD
—
LA[24]
A18
O
OVDD
—
LA[25]
B19
O
OVDD
—
LCS_B[0]
A19
O
OVDD
3
LCS_B[1]
B20
O
OVDD
3
LCS_B[2]
A20
O
OVDD
3
LCS_B[3]
A21
O
OVDD
3
LCLK[0]
D13
O
OVDD
—
LGPL[0]
B22
O
OVDD
—
LGPL[1]
D16
O
OVDD
—
LGPL[2]
D19
O
OVDD
—
LGPL[3]
D17
O
OVDD
—
LGPL[4]
E18
IO
OVDD
—
LGPL[5]
E19
O
OVDD
—
LWE_B[0]
D15
O
OVDD
—
LWE_B[1]
D14
O
OVDD
—
LBCTL
A22
O
OVDD
—
LALE
B23
O
OVDD
—
JTAG
TCK
A3
I
OVDD
—
TDI
B5
I
OVDD
3
TDO
D7
O
OVDD
—
TMS
A4
I
OVDD
3
TRST_B
D8
I
OVDD
3
Test Interface
TEST_MODE
A5
I
OVDD
—
System Control Signals
HRESET_B
U20
IO
OVDD
1
PORESET_B
V20
I
OVDD
—
Table 46.
MPC8306S Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com